Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PHS-SB200-5M Datasheet(PDF) 1 Page - SOVICO corp.

Part # PHS-SB200-5M
Description  SmartBoom® PRO Headset Product Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

PHS-SB200-5M Datasheet(HTML) 1 Page - SOVICO corp.

  PHS-SB200-5M Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Overview
The SmartBoom Series of headsets are all part of a line of communications headsets which incorporate a convenient flip up microphone muting feature and are specifically designed
for exceptional comfort, flexibility and durability as needed in the most demanding professional environments.
SmartBoom PRO Key Features
Outstanding audio quality with enhanced acoustic isolation
Closed back circumaural (over ear) design available in single– and dual-ear
models
Flexible, ambidextrous swiveling mic boom
SmartBoom flip up microphone mute
Dynamic noise-cancelling cardioid microphone optimized for voice
communications
Comfort fit adjustable headband
Replaceable ear cushion pad, headband pad, and windscreen
Non-reflective rubberized matte black finish
Collapsible earpiece design
Field-replaceable cable (5 ft./1.5 m)
* Notice About Specifications: While Pliant makes every attempt to maintain the accuracy of the information contained in this document, this information
is subject to change without notice. Please check our website for the latest system specifications and certifications.
Copyright ©2017 Pliant Technologies, LLC. All rights reserved. The Pliant® and CrewCom® word marks and the Pliant “P” logo are trademarks of Pliant
Technologies, LLC. The SmartBoom® word mark is a trademark of CoachComm LLC. All other trademarks are property of their respective owners.
Specification*
SmartBoom PRO
Microphone
Microphone Type
Dynamic
Frequency Response
50–10,000 Hz
Mic Sensitivity
-58 dBV/Pa
Pattern
Cardioid uni-directional
Output Impedance
200 Ω
Isolation from Headphone
40 dB
Speaker (Headphone)
Frequency Response
20–20,000 Hz
Nominal Impedance
100 Ω
Sensitivity at 1 kHz
Single
117 dB SPL/mW
Dual
121 dB SPL/mW
Speaker Type
Dynamic
Max Input Power
500 mW
Cables
Termination at Ear
Removable (Crossbolt)
Length
5.00 ft. (1.52 m)
Outside Diameter
0.24 in. (6.00 mm)
Physical Features
Mic Boom Length
8.50 in. (215.90 mm)
Weight (without cable)
Single
8.1 oz (229.63 g)
Dual
11.4 oz (323.18 g)
Cable
3.8 oz (107.73 g)
Connector Options
PHS-SB100/SB200-4F
4-pin XLR Female
PHS-SB100/SB200-5M
5-pin XLR Male
PHS-SB100/SB200-U
Unterminated
What’s in the Box?
Headset
Operating Manual
Ear Sock
Pliant Technologies, LLC
CrewCom®
205 Technology Parkway
Auburn, Alabama 36830 USA
www.plianttechnologies.com
Phone +1.334.321.1160
Toll-Free 1.844.475.4268 or 1.844.4PLIANT
Fax +1.334.321.1162
PHS-SB100-SB200_DATASHEET_03.17
SmartBoom®PRO Headset Product Specifications
PHS-SB100-4F, PHS-SB100-5M, PHS-SB100-U,
PHS-SB200-4F, PHS-SB200-5M, PHS-SB200-U
PIN CONNECTION
Headset
Plug Pin
Wire
(Color and Description)
4-Pin XLR
Female
5-Pin Male
XLR
8
Blue - Speaker R+
4
4
7
Brown - Speaker L+
4
5
6
Red - Speaker R-
3
3
5
Orange - Speaker L-
3
3
2
Yellow - Mic+
2
2
1
Green - Mic-
1
1
3
Uncoated - Shield
1
1
4
No connect
NC
NC
Microphone Polar Pattern
125 - 10kHz Pink Noise
at 1 meter
SmartBoom PRO
0dB
-3dB
PHS-SB100
Single-Ear Headset
PHS-SB200
Dual-Ear Headset
Replacement Parts
SBP-PAD-EAR
Ear Pad
SBP-PAD-HEAD Headband Pad
SBP-32988042 Windscreen
SBP-ES-988
Ear Sock
SBP-CAB-4F
Cable with 4-pin XLR Female Termination
SBP-CAB-5M
Cable with 5-pin XLR Male Termination
SBP-CAB-U
Unterminated Cable


Similar Part No. - PHS-SB200-5M

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
PHS-SB10L SOVICO-PHS-SB10L Datasheet
174Kb / 1P
SmartBoom® LITE Headset Product Specifications
PHS-SB10L-4F SOVICO-PHS-SB10L-4F Datasheet
174Kb / 1P
SmartBoom® LITE Headset Product Specifications
PHS-SB10L-5M SOVICO-PHS-SB10L-5M Datasheet
174Kb / 1P
SmartBoom® LITE Headset Product Specifications
PHS-SB10L-U SOVICO-PHS-SB10L-U Datasheet
174Kb / 1P
SmartBoom® LITE Headset Product Specifications
More results

Similar Description - PHS-SB200-5M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
logo
OptoSupply Internationa...
OS-OC013AAG4 OPTOSUPPLY-OS-OC013AAG4 Datasheet
344Kb / 3P
Product Specifications
OS-OC013ARG4 OPTOSUPPLY-OS-OC013ARG4 Datasheet
95Kb / 3P
Product Specifications
logo
Freescale Semiconductor...
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
logo
Ferroxcube Internationa...
CP-P36-22-2S FERROXCUBE-CP-P36-22-2S Datasheet
80Kb / 2P
Product specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
logo
List of Unclassifed Man...
LCD10004BSPT ETC-LCD10004BSPT Datasheet
851Kb / 2P
PRODUCT SERIES SPECIFICATIONS
logo
Fluke Corporation
FTK FLUKE-FTK Datasheet
696Kb / 11P
SimpliFiber® Pro
Rev: 01/02/2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com