Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PP300D060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PP300D060
Description  POW-R-PAK 300A / 600V Half Bridge IGBT Assembly
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP300D060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PP300D060 Datasheet HTML 1Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 2Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 3Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 4Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 5Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TENTATIVE
PP300D060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
300A / 600V
Half Bridge IGBT Assembly
PP300D060(-)
- 4 -
Gate Drive Board Interface Signal Definitions
Pin
Signal Name
Description
1
Shield
Connected to circuit ground
2
PWM -
0-15 V signal controlling the duty cycle of - IGBT
3
Phase Error
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = Phase overcurrent or short circuit
4
PWM +
0-15 V signal controlling the duty cycle of + IGBT
5
Overtemp
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = heatsink overtemp
6
24 VDC input power
2
20 – 30 VDC input voltage range
7
24 VDC input power
2
20 – 30 VDC input voltage range
8
15 VDC input power
2
14.4 – 18 VDC input voltage range
9
15 VDC input power
2
14.4 – 18 VDC input voltage range
10
GND
Ground reference for 15 and 24 VDC inputs
11
GND
Ground reference for 15 and 24 VDC inputs
12
Heatsink Temperature
Analog voltage representation of heatsink temperature
13
GND
3
Ground reference for analog signals
14
Iout
Analog voltage representation of output current
15
4
GND
3
Ground reference for analog signals
16
4
DC Link Voltage
Analog voltage representation of DC link voltage
Notes:
1.
Open collectors can be pulled up to 30 V max and sink 50mA continuous.
2.
Do not connect a 15 VDC and 24 VDC source to the unit at the same time, use one or the other.
3.
GND signals to be used for analog feedback signals, i.e. twisted pair with Iout
4.
Optional outputs for DC link voltage feedback
Gate Drive Board Interface Connector
Description
Symbol
Type
Manufacturer
With DC Link Voltage Feedback Option
Gate Drive Board Interface Header
J1
0.100” x 0.100” latching header, 16 pin
3M# 3408-6002 or equivalent
Recommended Mating Socket
-
0.100” x 0.100” IDC socket, 16 pin
3M# 3452-7600 or equivalent
Recommended Strain Relief
-
Plastic strain relief
3M# 3448-3014 or equivalent
Without DC Link Voltage Feedback Option
Gate Drive Board Interface Header
J1
0.100” x 0.100” latching header, 14 pin
3M# 3314-6002 or equivalent
Recommended Mating Socket
-
0.100” x 0.100” IDC socket, 14 pin
3M# 3385-7600 or equivalent
Recommended Strain Relief
-
Plastic strain relief
3M# 3448-3014 or equivalent



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com