Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS25NH3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS25NH3LL
Description  N-channel 30 V - 0.0032 Ω - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS25NH3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STS25NH3LL_07 Datasheet HTML 1Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 2Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 3Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 4Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 5Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 6Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 7Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 8Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STS25NH3LL
Electrical characteristics
3/11
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 18 V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 12.5 A
VGS= 4.5 V, ID= 12.5 A
0.0032
0.004
0.0035
0.005
Ω
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300 µs, duty cycle 1.5%
Forward transconductance
VDS = 10 V, ID = 12.5 A
30
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f = 1 MHz,
VGS = 0
4450
655
50
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 15 V, ID = 25 A
VGS = 4.5 V
Figure 14
30
12.5
10
40
nC
nC
nC
QOSS
(2)
2.
QOSS = Coss * ∆ Vin, Coss = Cgd + Cds
Output charge
VDD= 24 V, VGS = 0
23
nC
RG
Gate input resistance
f = 1 MHz, gate DC bias =0
test signal level = 20 mV
open drain
12
3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com