Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALQ25B50 Datasheet(PDF) 11 Page - Astec America, Inc

Part # ALQ25B50
Description  Industry Standard 쩌 Brick: 300W DC Transformer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25B50 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button ALQ25B50 Datasheet HTML 3Page - Astec America, Inc ALQ25B50 Datasheet HTML 4Page - Astec America, Inc ALQ25B50 Datasheet HTML 5Page - Astec America, Inc ALQ25B50 Datasheet HTML 6Page - Astec America, Inc ALQ25B50 Datasheet HTML 7Page - Astec America, Inc ALQ25B50 Datasheet HTML 8Page - Astec America, Inc ALQ25B50 Datasheet HTML 9Page - Astec America, Inc ALQ25B50 Datasheet HTML 10Page - Astec America, Inc ALQ25B50 Datasheet HTML 11Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Technical Reference Notes
ALQ25B50 Bus Converter
DC Transformer
MODEL: ALQ25B50 SERIES
SHEET 11 OF 11
SEPTEMBER 11, 2003 - REVISION A (PRELIMINARY)
Mechanical Specifications (continued)
SOLDERING CONSIDERATIONS
The ALQ25B50 series converters are compatible with standard wave soldering techniques. When wave soldering, the
converter pins should be preheated for 20-30 seconds at 110
°C and wave soldered at 260°C for less than 10 seconds.
When hand soldering, the iron temperature should be maintained at 425
°C and applied to the converter pins for less
than 5 seconds. Longer exposure can cause internal damage to the converter. Cleaning can be performed with cleaning
solvent IPA or with water.
PART NUMBERING SCHEME FOR ORDERING
OUTPUT
VOLTAGE
ENABLE LOGIC
ALQ25
x
50
y
B = 12V
N
= Negative Enable
“Blank” = Positive Enable (Default)
Please call 1-888-41-ASTEC for further inquiries
or visit us at www.astecpower.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com