Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AUD03F48 Datasheet(PDF) 11 Page - Astec America, Inc

Part # AUD03F48
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AUD03F48 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button AUD03F48 Datasheet HTML 7Page - Astec America, Inc AUD03F48 Datasheet HTML 8Page - Astec America, Inc AUD03F48 Datasheet HTML 9Page - Astec America, Inc AUD03F48 Datasheet HTML 10Page - Astec America, Inc AUD03F48 Datasheet HTML 11Page - Astec America, Inc AUD03F48 Datasheet HTML 12Page - Astec America, Inc AUD03F48 Datasheet HTML 13Page - Astec America, Inc AUD03F48 Datasheet HTML 14Page - Astec America, Inc AUD03F48 Datasheet HTML 15Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MODEL : AUD 10W SERIES
April 05 REVISION 02
SHEET 11 OF 15
Technical Reference Note
Ultra Low Profile
AUD 10W Series
D) complex parallel and multiple (Sequence start-up): Two converters supplying the same output voltage for a
single load and another converter supplying the different output voltage for another load.
Figure 4
i) PO pins of the converters supplying the same output voltage are connected to the others and another PO pin of the
different output voltage converter is not connected.
ii) All three DC-DC converters, which are connected to ALM pins, stop their operation when a single one is halted in
mode protected by LVP or OVP.
iii) LED is optionally connected to ALM pin for the notice of DC-DC converter stoppage.
-48V
+Vin
+Vout
-Vin
-Vout
PO
RC
ALM
Load
Fuse
SW1
GND
SW2
+Vin
+Vout
-Vin
-Vout
PO
RC
ALM
Load
Converter No.1
Converter No.2
SW1 Close : Halt DC-DC converter No.1 and 2
SW2 Close : Halt DC-DC converter No.3
Converter No.3
+Vin
+Vout
-Vin
-Vout
PO
RC
ALM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com