Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TB62801FG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TB62801FG
Description  Linear CCD Clock Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62801FG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TB62801FG Datasheet HTML 4Page - Toshiba Semiconductor TB62801FG Datasheet HTML 5Page - Toshiba Semiconductor TB62801FG Datasheet HTML 6Page - Toshiba Semiconductor TB62801FG Datasheet HTML 7Page - Toshiba Semiconductor TB62801FG Datasheet HTML 8Page - Toshiba Semiconductor TB62801FG Datasheet HTML 9Page - Toshiba Semiconductor TB62801FG Datasheet HTML 10Page - Toshiba Semiconductor TB62801FG Datasheet HTML 11Page - Toshiba Semiconductor TB62801FG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TB62801FG
2006-06-14
8
Test Circuit
DC Parameters
Pins marked with an asterisk (*) are test pins. Ground the input pins that are not being used as test pins so
that their logic is determined. Unless otherwise specified, bits of the same type are measured in the same way.
VIH/VIL
(1)
Light-load drive bit
(2)
Heavy-load drive bit
1
2
3
4
16
5
6
7
8
15
14
13
12
11
10
9
4.7 V
0 to VCC
30 pF
E.g., oscilloscope
1
2
3
4
16
5
6
7
8
15
14
13
12
11
10
9
4.7 V
0 to VCC
450 pF
E.g., oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com