Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TB62802FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB62802FG
Description  CCD Clock Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62802FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB62802FG Datasheet HTML 2Page - Toshiba Semiconductor TB62802FG Datasheet HTML 3Page - Toshiba Semiconductor TB62802FG Datasheet HTML 4Page - Toshiba Semiconductor TB62802FG Datasheet HTML 5Page - Toshiba Semiconductor TB62802FG Datasheet HTML 6Page - Toshiba Semiconductor TB62802FG Datasheet HTML 7Page - Toshiba Semiconductor TB62802FG Datasheet HTML 8Page - Toshiba Semiconductor TB62802FG Datasheet HTML 9Page - Toshiba Semiconductor TB62802FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TB62802FG
2006-06-14
6
AC Characteristics (input transition rise or fall time: tr/tf = 3.0 ns)
Ta
= 25°C, VCC = 5.0 V
Ta
= 0 to 60°C
VCC = 4.7 to
5.5 V
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Min
Max
Unit
Reference
Measurement
Diagram
tpLH (
φ)
5.3
10.8
15.5
5.0
16.0
tpHL (
φ)
CL = 250 pF
5.3
9.8
15.5
5.0
16.0
Measurement
diagram 1
tpLH (O)
2.5
5.4
9.5
2.0
10.0
Propagation delay time
tpHL (O)
CL = 20 pF
2.5
6.0
10.5
2.0
12.0
ns
Measurement
diagram 2
tpCLH (
φ)
9.5
14.0
24.0
9.0
25.0
tpCHL (
φ)
CL = 250 pF
9.5
15.4
24.0
9.0
25.0
Measurement
diagram 1
tpCLH (O)
7.2
10.7
19.0
6.0
23.0
Output OFF time
tpCHL (O)
CL = 20 pF
7.3
18.5
30.0
6.0
35.0
ns
Measurement
diagram 2
Light load drive output
skew
to (skw)
CL = 20 pF
0
2.0
0
2.0
ns
Measurement
diagram 3
Heavy load drive
output crosspoints
VT (crs)
CL = 100 to
250 pF
1.5
1.5
V
Measurement
diagram 4
CPD (
φ)
57
Equivalent internal
capacitance
(Note 1)
CPD (O)
18
pF
Note 1: CPD denotes “power dissipation capacitance”. Dynamic power dissipation can be calculated using the CPD
value.
Pd
= Σ [CPD × VCC
2 × Fin] + Σ (CL × V
CC
2 × Fout)
CL: Load capacitance per output
CPD: Power dissipation capacitance
Fin: Input clock frequency
Fout: Output clock frequency
For example:
For heavy load drive output, driving a load capacity of 250 pF at 25 MHz;
For light load drive output, driving a load capacity of 20 pF at 25 MHz.
Note 2: In practice, the frequencies of some shift gate control signals are lower than the transfer clock. Therefore
the power dissipation during practical use is smaller than the calculated value below.
Pd
= [57 pF × 5.0 V × 5.0 V × 25 MHz] × 4 bit + (250 pF × 5.0 V × 5.0 V × 25 MHz) × 4 bit
+ [18 pF × 5.0 V × 5.0 V × 25 MHz] × 4 bit + (20 pF × 5.0 V × 5.0 V × 25 MHz) × 4 bit
∼− 862 mW
The typical power dissipation is approximately 862 mW.
Notes on System Design
As shown above, the TB62802FG consumes high current while operating. There is temporary flow of a current
greater than the calculated value. To suppress bouncing from the power supply and GND, decoupling for the power
supply is a vital necessity.
Below is an example of how the capacitance of a decoupling capacitor is calculated. Be sure to refer to this when
designing a system.
The decoupling capacitor should be placed underneath the IC to reduce the high-frequency components.
Supply current variable: 350 mA (estimated variable in 1 bit)
Supply voltage variable: 0.3 V
Noise pulse width: 10 ns (time in which fluctuation occurs)
C
= ∆ICC/(∆V/∆T)
= 350 mA × 4 bit/(0.3 V/10 ns)
∼− 47 nF
∼− 0.047 µF (when using a normal capacitor)
To control the fluctuation in the low-frequency components, it is recommended that the power supply on the
board be decoupled using a 10
µF to 50 µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com