Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3350 Datasheet(PDF) 2 Page - Comus International

Part # 3350
Description  High Voltage Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

3350 Datasheet(HTML) 2 Page - Comus International

  3350 Datasheet HTML 1Page - Comus International 3350 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number: 3350 Series
High Voltage Reed Relays
Product Data Sheet
Relays
SPECIFICATIONS
SOLDERING THROUGH-HOLE
CONTACT PARAMETERS
Switching Voltage
Max
DC/peakAC
3500
7500
3500
7500
Dielectric Strength
Min
VDC
7500
10000
7500
10000
Switching Capacity
Max
W
200
50
200
50
Switching Current
Max
A
3
3
3
3
Carrying Current
Max
A
5
5
5
5
Contact Resistance
Max
mΩ
250
100
250
100
COIL PARAMETERS
Nominal Coil Voltage
VDC
5
12
24
5
12
24
Pull-In Voltage
Max
VDC
3.75
9
18
3.75
9
18
Drop-Out Voltage
Min
VDC
0.5
1
2
0.5
1
2
Operating Voltage
Max
VDC
6.5
15
30
6.5
15
30
Coil Resistance
±15%
Ω
40
175
575
40
175
575
RELAY PARAMETERS
Dielectric Strength
coil/contact
Min
VDC
10000
10000
Insulation Resistance
Min
Ω
1 x 1010
1 x 1010
Operating Temperature
°C
-20 to +85
-20 to +85
Storage Temperature
°C
-35 to +100
-35 to +100
Operate Time incl. Bounce Time
Typ
ms
3.0
3.0
Release Time
Typ
ms
3.0
3.0
Weight, approx.
g
60
65
Contact Form
Normally Open / 1A
Normally Closed / 1B
Series
3350
3351
3350
3351
Model
1275
1275
4275
4275
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2019 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 3 - Date: Mar/26/2019 - Signature: BR
The attachment method is typically eutectic soldering. RoHS requires solder with no elemental lead (Pb). SAC alloy (96,5Sn / 3AG
/ 0,5Cu) is the most popular choice. Reed relays can be soldered by hand or by wave solder processing. Comus International
recommends the maximum wave solder temperature (measured at the reed relay leads) as 270°C for 10 seconds. Temperature and
time in excess of the recommended levels may result in damage to the reed relay. All of our through-hole reed relays will be compatible
with either SAC alloy or eutectic soldering process.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com