Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC124EM-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # DTC124EM-HF
Description  Digital Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DTC124EM-HF Datasheet(HTML) 2 Page - Comchip Technology

  DTC124EM-HF Datasheet HTML 1Page - Comchip Technology DTC124EM-HF Datasheet HTML 2Page - Comchip Technology DTC124EM-HF Datasheet HTML 3Page - Comchip Technology DTC124EM-HF Datasheet HTML 4Page - Comchip Technology DTC124EM-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Transistor
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Symbol
Units
Min
VI(off)
Input voltage
V
0.5
Test conditions
Typ
Max
VCC = 5V, IO = 100µA
VI(on)
Input voltage
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 10mA
VO = 0.2V, IO = 5mA
3
V
Output voltage
Input current
Output current
VO(on)
II
VI = 5V
VCC = 50V, VI = 0V
IO(off)
mA
µA
0.1
0.3
0.5
IO / II = 10mA / 0.5mA
0.88
0.36
1.8
0.18
GI
Input resistor
kΩ
DC current gain
VO = 5V, IO = 10mA
R1(R2
)
30
56
20
68
10
22
4.7
47
Resistance ratio
Gain-bandwidth product
fT
MHz
VCE = 10V, IE = -5mA, f = 100MHz
0.8
1.2
250
R2/R1
7
15.4
3.29
32.9
13
28.6
6.11
61.1
1.1
1.9
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
1
DTC114EM-HF
DTC124EM-HF
DTC143EM-HF
DTC144EM-HF
DTC114EM-HF
DTC124EM-HF
DTC143EM-HF
DTC144EM-HF
DTC114EM-HF
DTC124EM-HF
DTC143EM-HF
DTC144EM-HF
DTC114EM-HF
DTC124EM-HF
DTC143EM-HF
DTC144EM-HF
Comchip Technology CO., LTD.
REV:A
Page 2
QW-JTR156
DTC115EM-HF
VO = 0.3V, IO = 1mA
DTC114EM-HF
DTC124EM-HF
DTC143EM-HF
DTC144EM-HF
DTC115EM-HF
IO / II = 10mA / 0.5mA
IO / II = 10mA / 0.5mA
IO / II = 10mA / 0.5mA
IO / II = 5mA / 0.25mA
DTC115EM-HF
0.15
DTC115EM-HF
DTC115EM-HF
VO = 5V, IO = 5mA
82
100
70
130



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com