Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS9090B Datasheet(PDF) 2 Page - Micronas

Part # MAS9090B
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090B Datasheet(HTML) 2 Page - Micronas

  MAS9090B Datasheet HTML 1Page - Micronas MAS9090B Datasheet HTML 2Page - Micronas MAS9090B Datasheet HTML 3Page - Micronas MAS9090B Datasheet HTML 4Page - Micronas MAS9090B Datasheet HTML 5Page - Micronas MAS9090B Datasheet HTML 6Page - Micronas MAS9090B Datasheet HTML 7Page - Micronas MAS9090B Datasheet HTML 8Page - Micronas MAS9090B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DA9090B.001
January 14, 1998
2
PIN CONFIGURATION
VCCA
VCCP
NC
NC
SP1-
SP1+
SP2-
SP2+
GNDP
RX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
CCLK
CS
CI
BZ
VCC
CO
TX
GND
FS
MCLK
LO
MIC2-
MIC2+
MIC1-
MIC1+
GNDA
MIC3-
MIC3+
SO28
N
C
N
C
N
C
NC
NC
N
C
N
C
N
C
NC
NC
NC
NC
NC
N
C
N
C
SP1-
SP1
SP2-
SP2
GNDP
RX
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
C
C
L
K
C
S
C
I
B
Z
V
C
C
C
O
T
X
G
N
D
FS
MCLK
LO
MIC2-
MIC2+
MIC1-
M
I
C
1
+
G
N
D
A
M
I
C
3
-
M
I
C
3
+
NC
NC
NC
V
C
C
A
V
C
C
P
TQFP44
PIN DESCRIPTION
Pin Name
Pin Number
Type
Function
SO28
TQFP44
1,4
1,4,7,9
11,12,13
22,23,27
28,29,32
35,39,40,
43,44
No connection.
VCCA
2
41
P
Positive power supply input for analog section.
VCCP
3
42
P
Positive power supply input for speaker amplifiers.
SP1-
5
2
AO
Speaker 1 amplifier negative output.
SP1+
6
3
AO
Speaker 1 amplifier positive output.
SP2-
7
5
AO
Speaker 2 amplifier negative output.
SP2+
8
6
AO
Speaker 2 amplifier positive output.
GNDP
9
8
G
Speaker amplifier.
RX
10
10
DI
Receive data input.
CCLK
11
14
DI
Control clock input. Shifts serially into CI and CO when CS is
low. CCLK is asynchronous with other system clocks.
CS
12
15
DI
Chip select input.
CI
13
16
DI
Control data input.
BZ
14
17
AO
Buzzer driver output.
VCC
15
18
P
Positive power supply input for the digital section. VCCA,
VCCP AND VCC must be connected together.
CO
16
19
DO
Control data output.
TX
17
20
DO
Transmit data output. Data is shifted out on this during the
assigned transmit slots. Otherwise, TX is on high impedance
state.
GND
18
21
G
Ground for the digital section.
FS
19
24
DI
Frame sync input. This 8kHz signal defines the start of the TX
and RX frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com