Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OSD100-E. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OSD100-E.
Description  Eye Response Detectors (series -E)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OSD100-E. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OSD100-E. Datasheet HTML 1Page - List of Unclassifed Manufacturers OSD100-E. Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eye Response Detectors (series -E)
Centronic Series E photodetectors use the successful Series 5T chip together with high
quality glass colour correcting filters. The resulting spectral response approximates to that
of the human eye making this device ideal for use in general photometric applications.
Electrical / Optical Specifications
Characteristics measured at 22°C (±2) ambient, and a reverse bias of 12 volts, unless otherwise stated.
Single Elements
Active Area
Responsivity
nA Lux-1
Dark Current
nA
Capacitance PF Typ. Shunt Resistance
Megohms
Type
No.
mm2
mm
Typ.
Min.
Max.
Typ.
NEP WHz-½
λ = 550 nm
Typ.
Vr=0V
Max.
Vr=12V Max.
Min.
Typ.
Spectral Curve Risetime ns
λ = 630 nm
Rι=
50Ω
Typ.
Package
OSD1-E
1
1.13 dia
1.5
2
2
0.5
1.510e-14
30
6
100
1000
1
7
1
OSD3-E
3
2.16 x 1.4
4
5
5
1
1.810e-14
80
20
60
700
1
9
1
OSD5-E
5
2.52 dia
6
7.5
10
2
1.910e-14
130
35
40
600
1
9
3
OSD7.5-E 7.5 2.75 x 2.75
8
11
10
2
2.710e-14
150
40
30
300
1
10
3
OSD15-E
15
3.8 x 3.8
16
22
10
3
5.210e-14
390
80
5
80
1
12
3
OSD50-E
50
7.98 dia
22
30
40
5
9.310e-14
1300
270
1.5
25
2
26
9
OSD60-E
62
7.9 x 7.9
26
35
50
9
1.310e-13
1800
310
1
12
2
30
9
OSD100-E 100
11.3 dia
45
60
100
20
1.210e-13
2500
520
1
15
2
45
13 *
Notes: * BNC Package also available.
In addition to the Series E listed above, Centronic can provide any other detector in this catalogue with optical filters.
Contact Sales Department for more information.
Unit Conversion Table for Illuminance
The Series E photodiodes have been colour corrected to provide a photopic response. They can be used as low cost
illuminance monitors for many instrument and industrial applications. The following table provides useful conversion
factors for various illuminance units.
Lux
Lx(1m/m2)
phot
ph(1m/cm2)
foot-candle
fc(1m/ft2)
watt per square centimetre*
W/cm2
1
1.000 x 10-4
9.290 x 10-2
5.0 x 10-6
1.000 x 104
1
9.290 x 102
5.0 x 10-2
1.076 x 101
1.076 x 10-3
1
5.4 x 10-5
2.0 x 105
2.90 x 101
1.9 x 104
1
* Total irradiance (measured value) by the CIE standard light source “A”.
Highlighted items are Centronic standard products generally available from stock


Similar Part No. - OSD100-E.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSD100-E ETC1-OSD100-E Datasheet
138Kb / 2P
Silicon Photodetectors
OSD100-E ETC1-OSD100-E Datasheet
934Kb / 2P
SILICON PHOTODETECTORS
More results

Similar Description - OSD100-E.

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
PROXIMITY DETECTORS
Apr-1993
logo
Hamamatsu Corporation
S9219 HAMAMATSU-S9219 Datasheet
111Kb / 2P
Si photodiode Spectral response like human eye
logo
Systemsensor advanced i...
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
Smoke Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
logo
Hamamatsu Corporation
P9696 HAMAMATSU-P9696_09 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
S9066-111 HAMAMATSU-S9066-111 Datasheet
132Kb / 2P
Photo IC diode Spectral response close to human eye sensitivity
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com