Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC74VHCT240AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHCT240AF
Description  Octal Bus Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT240AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCT240AF Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHCT240,244AF/AFT/AFK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT240AF,TC74VHCT240AFT,TC74VHCT240AFK
TC74VHCT244AF,TC74VHCT244AFT,TC74VHCT244AFK
Octal Bus Buffer
TC74VHCT240AF/AFT/AFK
Inverted, 3-State Outputs
TC74VHCT244AF/AFT/AFK
Non-Inverted, 3-State Outputs
The TC74VHCT240A and 244A are advanced high speed
CMOS OCTAL BUS BUFFERs fabricated with silicon gate
C2MOS technology. They achieve the high speed operation
similar to equivalent Bipolar Schottky TTL while maintaining
the CMOS low power dissipation.
The TC74VHCT240A is an inverting 3-state buffer having two
active-low output enables. The TC74VHCT244A is a
non-inverting 3-state buffer, and has two active-low output
enables.
These devices are designed to be used with 3-state memory
address drivers, etc.
The input voltage are compatible with TTL output voltage.
These devices may be used as a level converter for interfacing
3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can
be applied to the input and output (Note) pins without regard to
the supply voltage. These structure prevents device destruction
due to mismatched supply and input/output voltages such as
battery back up, hot board insertion, etc.
Note:
Output in off-state
Features
• High speed: tpd = 6.1 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs
• Balanced propagation delays: tpLH ∼− tpHL
• Low noise: VOLP = 1.0 V (max)
• Pin and function compatible with the 74 series
(74AC/HC/F/ALS/LS etc.) 240/244 type.
TC74VHCT240AF, TC74VHCT244AF
TC74VHCT240AFT, TC74VHCT244AFT
TC74VHCT240AFK, TC74VHCT244AFK
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)


Similar Part No. - TC74VHCT240AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
197Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
197Kb / 9P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT240AFK TOSHIBA-TC74VHCT240AFK Datasheet
197Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT240AFK TOSHIBA-TC74VHCT240AFK Datasheet
197Kb / 9P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74VHCT240AF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
Octal Bus Buffer
January, 2006 ??Rev. 4
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
Octal Bus Buffer
May, 2011 ??Rev. 8
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com