Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9803GP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CS9803GP
Description  Infrared Induction Control IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS9803GP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CS9803GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CS9803GP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS9803
2/2
Electrical Characteristics (Ta=25℃,VDD=5.0V,VSS=0V)
Symbol
Characteristic
Test Condition
Min.
Typ.
Max.
Unit
VDD
Supply voltage
---
4.5
5
5.5
V
IOP
Operating current
no load
---
---
1
mA
VREF
Stable voltage
VOH=3.3V
2.8
3.1
3.3
V
IREF
Source current of VREF
200
---
---
µA
Avo
Op amp pen loop gain
---
60
---
dB
IOL1
TRIAC sink current
---
---
15
mA
IOH1
TRIAC source current
50
---
---
µA
IOL2
RELAY sink current
---
---
5
mA
IOH2
RELAY source current
---
---
5
mA
Application Circuit
1、 TRIAC Application
CDS
4.7k
RES2
0.01uF
100p
47K
0.01uF
470k
1M
330
5.1V
FUSE1
47
100k
1220k
330k
15k
PIR
9 CDS
7 QTEST
6 TB
4 VREF
2 NII1
II1 UOU1NII2
II2
UOU2
GND
TRIAC
VDD
ZCD
8 TCI
RELAY
CS9803GP
31 15
14
16
5
11
10
13
12
10uF
100uF
22uF
47nF-68nF
47uF
470uF
47nF
-220uF
1M
2k
1M
100k
BT136
600E
2、 RELAY Application
CDS
4.7k
RES2
3.3--10nF
100p
47k
10nF
1220k
330k
15k
PIR
9 CDS
7 QTEST
6 TB
4 VREF
2 NII1
II1 UOU1 NII2
II2
UOU2
GND
TRIAC
VDD
ZCD
8 TCI
RELAY
CS9803GP
31 15
14
16
5
11
10
13
10uF
100uF
22uF
47nF--68nF
47uF
47nF
-220uF
1M
2k
1M
20V/1W
5.1V
100uF
2.4k
470uF
RELAY
5.6k
47k
0.47uF
100
0.047uF
FUSE1
100k
PDF Page Organizer - Foxit Software



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com