Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN75LBC771DW.A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LBC771DW.A
Description  GEOPORTE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75LBC771DW.A Datasheet(HTML) 1 Page - Texas Instruments

  SN75LBC771DW.A Datasheet HTML 1Page - Texas Instruments SN75LBC771DW.A Datasheet HTML 2Page - Texas Instruments SN75LBC771DW.A Datasheet HTML 3Page - Texas Instruments SN75LBC771DW.A Datasheet HTML 4Page - Texas Instruments SN75LBC771DW.A Datasheet HTML 5Page - Texas Instruments SN75LBC771DW.A Datasheet HTML 6Page - Texas Instruments SN75LBC771DW.A Datasheet HTML 7Page - Texas Instruments SN75LBC771DW.A Datasheet HTML 8Page - Texas Instruments SN75LBC771DW.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN75LBC771
GEOPORT
™ TRANSCEIVER
SLLS226A – APRIL 1996 – REVISED NOVEMBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports a 9-Pin GeoPort™ Host Interface
Standard for the Intelligent Network Port
D Designed to Operate up to 4-Mbit/s Full
Duplex
D ±5 V Supply Operation
D Provides 6 kV ESD Protection
D Has Driver Short-Circuit Protection
D Includes Failsafe Mechanism for Open
Inputs
D Is Backward Compatible with AppleTalk™
and LocalTalk
D Combines Multiple Components into a
Single Chip Solution
D Complements the SN75LBC772 9-Pin
GeoPort Peripheral (DCE) Interface Device
D Uses LinBiCMOS™ Process Technology
description
The SN75LBC771 is a low-power LinBiCMOS
device that incorporates the drivers and receivers
for a 9-pin GeoPort host interface. GeoPort
combines
hybrid
EIA/TIA-422-B
and
EIA/
TIA-423-B drivers and receivers to transmit data
up to four-Mbit/s full duplex. GeoPort is a serial
communications standard that is intended to
replace the RS-232, AppleTalk, and printer ports
all in one connector in addition to providing
real-time
data
transfer
capability.
The
SN75LBC771 provides point-to-point connec-
tions between GeoPort-compatible devices with
data transmission rates up to 4-Mbit/s full duplex
featuring a hot-plug capability. Applications
include connection to telephone, ISDN, digital
sound and imaging, fax-data modems, and other
traditional serial and parallel connections. The
GeoPort is backwardly compatible to both
LocalTalk and AppleTalk.
While the SN75LBC771 is powered off (VCC and VEE = 0), the outputs are in a high-impedance state. Also, when
the shutdown (SHDN) terminal is high, all outputs go into a high-impedance state. A logic high on the driver
enable (DEN) terminal places the outputs of the differential driver into a high-impedance state. All drivers and
receivers have fail-safe mechanisms that ensure a high output state when the inputs are left open.
The SN75LBC771 is characterized for operation over the 0
°C to 70°C temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DA1
VEE
NC
NC
SHDN
DZ2
DY2
GND
DEN
DA2
GND
VCC
DY1
RY3
RB3
RA2
RY2
RB1
RA1
RY1
DW PACKAGE
(TOP VIEW)
DY2
DZ2
RY1
DY1
RY2
RY3
DA2
DEN
RB1
RA1
DA1
RA2
RB3
SHDN
10
9
12
13
11
1
14
5
18
15
16
17
7
6
logic diagram (positive logic)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
GeoPort, LocalTalk, and AppleTalk are trademarks of Apple Computer, Incorporated.
LinBICMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN75LBC771DW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC771DW TI-SN75LBC771DW Datasheet
199Kb / 13P
GEOPORTE TRANSCEIVER
SN75LBC771DW TI1-SN75LBC771DW Datasheet
275Kb / 14P
GEOPORT TRANSCEIVER
SN75LBC771DWG4 TI1-SN75LBC771DWG4 Datasheet
275Kb / 14P
GEOPORT TRANSCEIVER
More results

Similar Description - SN75LBC771DW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC771 TI-SN75LBC771 Datasheet
199Kb / 13P
GEOPORTE TRANSCEIVER
SN75LBC773 TI-SN75LBC773 Datasheet
173Kb / 13P
GEOPORTE TRANSCEIVER
SN75LBC776 TI-SN75LBC776 Datasheet
208Kb / 14P
SINGLE-CHIP GeoPortE TRANSCEIVER
SN75LBC777 TI-SN75LBC777 Datasheet
210Kb / 14P
SINGLE CHIP GEOPORTE/AppleTalkE TRANSCEIVER
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
TRANSCEIVER
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
Transceiver
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
Transceiver
October, 2015 ??Rev. 0
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
Transceiver
October, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com