Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TYN412-RG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYN412-RG
Description  TXN/TYN 0512 ---> TXN/TYN 1012
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN412-RG Datasheet(HTML) 4 Page - STMicroelectronics

  TYN412-RG Datasheet HTML 1Page - STMicroelectronics TYN412-RG Datasheet HTML 2Page - STMicroelectronics TYN412-RG Datasheet HTML 3Page - STMicroelectronics TYN412-RG Datasheet HTML 4Page - STMicroelectronics TYN412-RG Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig.9 :
Non repetitive surge peak on-state current
versus number of cycles.
Fig.10 : Non repetitive surge peak on-state current for
a sinusoidal pulse with width : t
≤ 10 ms, and
corresponding value of I2t.
Fig.8 : Relative variation of gate trigger current versus
junction temperature.
1E-3
1E-2
1E-1
1E +0
1 E +1
1 E +2 5 E +2
0.01
0.1
1
Zth/Rth
Zt h( j-c )
Zt h(j-a)
tp( s)
Fig.7 : Relative variation of thermal impedance versus
pulse duration.
Fig.11 : On-state characteristics (maximum values).
TXN/TYN 0512 ---> TXN/TYN 1012
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com