Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASRPG16 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASRPG16
Description  LIQUID TIGHT CABLE GLAND
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASRPG16 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASRPG16 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.0 - 4.3
21.0
26.6
UL94-V2 TO IP68 RATING BLACK COLOR.
ASR-PG11
ASR-PG13
ASR-PG16
13.2
15.2
17.45
D2
20.2
22.6
9.43
9.7
8.2
18.9
6.2
29.5
33.1
5.2
6.35
5.0 - 7.5
6.0 - 11.0
10.0 - 13.0
PART NO.
12.9
THESE CABLE GLANDS ARE MADE OF NYLON66
DIAMETER IN mm
T
D1
L
W
ASR-PG7
8.0
8.00
FOR CABLES
5.3
L
T
NOTE:
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
UNDIMENSIONED FEATURES
04/29/10
A
B
C
B.PUCHASKI
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
MAY OCCUR
7
8
ASR-PG
B
ASR-PG.SLDDRW
1
M.AUDAS
04/29/10
REVISIONS
DESCRIPTION
APPROVED
1
REV
DATE
M.AUDAS
04/29/10
04/29/10
A
B
INITIAL RELEASE
ECN 8620 ADD ASR-PG7 TO CHART
B.PUCHASKI
B.PUCHASKI
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
LIQUID TIGHT CABLE GLAND
COAX
01/26/18
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
PROJECTION
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - ASRPG16

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASRPG11 L-COM-ASRPG11 Datasheet
26Kb / 1P
LIQUID TIGHT CABLE GLAND
04/29/10
ASRPG13 L-COM-ASRPG13 Datasheet
26Kb / 1P
LIQUID TIGHT CABLE GLAND
04/29/10
More results

Similar Description - ASRPG16

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5808253 ALTECH-5808253 Datasheet
184Kb / 2P
Cable Gland
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
logo
TE Connectivity Ltd
C-T360XXXXXXX000 TEC-C-T360XXXXXXX000 Datasheet
465Kb / 1P
METAL CABLE GLAND
logo
PHOENIX CONTACT
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
Cable gland - RC-Z2417
logo
List of Unclassifed Man...
M3231 ETC-M3231 Datasheet
295Kb / 1P
Heyco짰-Tite Liquid Tight Cordgrips
logo
FIBOX Enclosing innovat...
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
EPDM Cable gland M32
16.08.2023
3545090 FIBOX-3545090 Datasheet
145Kb / 2P
Chloroprene Cable gland M20
16.08.2023
3545091 FIBOX-3545091 Datasheet
395Kb / 2P
Chloroprene Cable gland PG16
16.08.2023
logo
Heyco.
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com