Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AVLAW900FS Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AVLAW900FS
Description  Secure 900 MHz Industrial Wireless Ethernet Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900FS Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AVLAW900FS Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900FS Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Secure 900 MHz Industrial Wireless Ethernet Radio
www.avalanwireless.com
Corporate headquarters
:: (866) 533.6216
Technical support
:: (650) 384.0000
Many government agencies and certain other industries are required to encrypt sensitive data with a method that conforms to NIST Standard FIPS
140-2. AvaLAN has developed a hardware encryption module that has been validated to FIPS 140-2 Level 2. We have incorporated this module
within our wireless radios to allow you to create a FIPS-validated secure private network.
Designed especially for Industrial Automation, data collection and SCADA applications, AvaLAN’s
AW900FS Secure Industrial Wireless Ethernet Radio uses the latest in FHSS (Frequency Hopping
Spread Spectrum) technology to deliver long range, high speed wireless networking with government
validated data security.
The radio operates in the unlicensed 900 MHz ISM band, with the transmitter and paired receivers
switching rapidly among 50 different channels in a synchronized pseudo-random pattern. Data is
communicated robustly and error free despite interference from noise or other signal sources.
Both point-to-point bridge and point-to-multipoint star network connections are supported. Able
to transmit legally up to one watt of RF power, line of sight distances up to 60 miles can be bridged
using directional antennas. 900 MHz operation also allows the radio signals to penetrate through
walls and foliage.
The radio features a built-in browser interface for link status monitoring and configuration. An operator at the main HMI (Human to Machine
Interface) console can log in to each radio’s fixed IP address to facilitate troubleshooting. A small LCD panel on the front of the unit can also verify
proper operation at a glance. Encryption keys and passwords are entered through a separate USB interface port that requires physical access to
the radio. The security information cannot be accessed through the normal wired or wireless data path.
The radio may be powered through the Ethernet jack from an 802.3af compatible POE (Power Over Ethenet) source or directly from a 5-30 VDC
supply through a barrel or Phoenix connector. The antenna is connected via an RPTNC jack on the top of the case. An omnidirectional 2.5 dBi
flexible antenna is included with other antenna choices available from AvaLAN. The radio’s case is rugged extruded aluminum and is designed
to meet C1D2 standards for hazardous environments (certification pending). A DIN Rail mounting clip is provided on the case back to facilitate
installation in industrial equipment cabinets.
• FIPS 140-2 Level 2 validated data security - NERC CIP
• 1 Watt RF transmit power for up to 60 mile range
• 200 Kbps FHSS RF data rate
• Built in browser interface for easy re-configuration
and monitoring
• LCD display to quickly verify proper operation
• DIN rail mounting clip
• 802.3af Power Over Ethernet
• Muiltipoint network topologies supported
• C1D2 Certification (Pending)
• FIPS 140-2 Level 3 and NSA Suite B COMING SOON!
AW900FS
Product Brief
Features
Top view showing
antenna connector
and USB Crypto
Interface Port


Similar Part No. - AVLAW900FS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVLAW900FSM10 L-COM-AVLAW900FSM10 Datasheet
1Mb / 2P
900 MHz Ethernet and Serial Module
06.27.2013
AVLAW900FSMEVAL L-COM-AVLAW900FSMEVAL Datasheet
1Mb / 2P
900 MHz Ethernet and Serial Module
06.27.2013
More results

Similar Description - AVLAW900FS

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7800S-TR HARRIS-RF-7800S-TR Datasheet
1Mb / 2P
SECURE PERSONAL RADIO
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
ATMEL Corporation
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
ZigBit??700/800/900 MHz Wireless Modules
logo
Red Lion Controls. Inc
702-W REDLION-702-W Datasheet
1Mb / 6P
Industrial Wireless Radio
702M12-W REDLION-702M12-W Datasheet
2Mb / 6P
Industrial Wireless Radio
logo
ORing Industrial Networ...
IDS-242GT-I ORING-IDS-242GT-I Datasheet
1Mb / 4P
Industrial 4-port secure serial to Ethernet device server
IDS-312L ORING-IDS-312L Datasheet
277Kb / 4P
Industrial secure serial port to Ethernet device server
IDS-322 ORING-IDS-322 Datasheet
401Kb / 5P
Industrial 2 secure serial port to Ethernet device server
RDS-3166G ORING-RDS-3166G Datasheet
261Kb / 4P
Industrial 16 secure serial ports to Ethernet device server
logo
Murata Manufacturing Co...
LG90E MURATA-LG90E Datasheet
1Mb / 6P
900 MHz FHSS DNT90/Ethernet Gateway
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com