Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXA-NFNFB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXA-NFNFB
Description  N-Female to N-Female Bulkhead for 1/8" [3.25mm] Chasis
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXA-NFNFB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXA-NFNFB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15.88
0.625
13.41
0.528
21.50
0.846
1.504
38.20
2.50
0.098
14.20
0.559
0.50
0.020
1
A
B
C
D
C
8
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
AXA-NFNFB
1
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
Adapter: N-Female to N-Female Bulkhead
CONNECTOR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
UNDIMENSIONED FEATURES
AXA-NFNFB.SLDDRW
MAY OCCUR
COLOR VARIATIONS
CONFIGURATION DETAILS OF
11/05/09
ECN#4355
Updated Body Dims.
ALL = ± 1°
for 1/8" [3.25mm] Chasis
B.Puchaski
M.Audas
M.Audas
09/25/09
09/25/09
09/25/09
B
ANGULAR TOLERANCES:
ECN#4286
05/08/03
P.Pesa
B Puchaski
A Initial Release
09/25/09
C
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
Updated Format and Text
B Puchaski
5/8-24UNEF-2B
H-18
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
Mounting Hole
Recomended
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
MISCELLANEOUS:
INSERTION LOSS: .15 dB Max.
FREQUENCY RANGE: 0~11 GHz
WITHSTAND VOLTAGE: 1500V
IMPEDENCE: 50 OHMS
NOTES:
ELECTRICAL:
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACTS
BRASS
GOLD
OUTER CONTACT
BRASS
NICKEL
INSULTOR
TEFLON
---
LOCK WASHER
BRASS
NICKEL
NUT
BRASS
NICKEL


Similar Part No. - AXA-NFNFB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-NFNFB2 L-COM-AXA-NFNFB2 Datasheet
102Kb / 1P
RF ADAPTER, N JACK-N JACK, 50 OHM RoHS : Compliant
AXA-NFNFB2 L-COM-AXA-NFNFB2 Datasheet
102Kb / 1P
N-Female to N-Female Bulkhead for 1/4” [6.35mm] Chasis
05/08/03
AXA-NFNFB2. L-COM-AXA-NFNFB2. Datasheet
102Kb / 1P
RF ADAPTER, N JACK-N JACK, 50 OHM RoHS : Compliant
More results

Similar Description - AXA-NFNFB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9128 PASTERNACK-PE9128 Datasheet
474Kb / 3P
Hermetically Sealed N Female to N Female Bulkhead Adapter
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9540 PASTERNACK-PE9540 Datasheet
255Kb / 2P
Bulkhead N Female to BNC Female Adapter
logo
Amphenol Corporation
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE91201 PASTERNACK-PE91201 Datasheet
336Kb / 3P
Bulkhead N Female to N Female Adapter IP67 Mated
PE91238 PASTERNACK-PE91238 Datasheet
363Kb / 3P
Bulkhead N Female to N Female Adapter IP67 UnMated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com