Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N5320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5320
Description  SMALL SIGNAL NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5320 Datasheet(HTML) 1 Page - STMicroelectronics

  2N5320 Datasheet HTML 1Page - STMicroelectronics 2N5320 Datasheet HTML 2Page - STMicroelectronics 2N5320 Datasheet HTML 3Page - STMicroelectronics 2N5320 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N5320
2N5321
SMALL SIGNAL NPN TRANSISTORS
s
SILICON EPITAXIAL PLANAR NPN
TRANSISTORS
s
MEDIUM POWER AMPLIFIER
s
PNP COMPLEMENTS ARE 2N5322 AND
2N5323
DESCRIPTION
The 2N5320 and 2N5321 are silicon epitaxial
planar NPN transistors in Jedec TO-39 metal
case.
They
are
especially
intended
for
high-voltage
medium
power
application
in
industrial and commercial equipments.
The complementary PNP types are respectively
the 2N5322 and 2N5323
INTERNAL SCHEMATIC DIAGRAM
June 1997
TO-39
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
2N5320
2N5321
VCBO
Collector-Base Voltage (IE = 0)
100
75
V
VCEV
Collector-Emitter Voltage (VBE = 1.5V)
100
75
V
VCEO
Collector-Emitter Voltage (IB = 0)
75
50
V
VEBO
Emitter-Base Voltage (IC = 0)
6
5
V
IC
Collector Current
1.2
A
ICM
Collector Peak Current
2
A
IB
Base Current
1
A
Ptot
Total Dissipation at Tamb = 25
oC1
W
Ptot
Total Dissipation at Tc = 25
oC10
W
Tstg, Tj
Storage and Junction Temperature
-65 to 200
oC
1/4


Similar Part No. - 2N5320

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5320 FAIRCHILD-2N5320 Datasheet
345Kb / 11P
10 Watt NPN-PNP Silicon Power
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
SWITCHING TRANSISTORS (NPN SILICON)
logo
Central Semiconductor C...
2N5320 CENTRAL-2N5320 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5320 ETC-2N5320 Datasheet
347Kb / 8P
Power Transistors
logo
Comset Semiconductor
2N5320 COMSET-2N5320 Datasheet
172Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N5320

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
BC846 GE-BC846 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com