Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TBD Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 22Page - Freescale Semiconductor, Inc TBD Datasheet HTML 23Page - Freescale Semiconductor, Inc TBD Datasheet HTML 24Page - Freescale Semiconductor, Inc TBD Datasheet HTML 25Page - Freescale Semiconductor, Inc TBD Datasheet HTML 26Page - Freescale Semiconductor, Inc TBD Datasheet HTML 27Page - Freescale Semiconductor, Inc TBD Datasheet HTML 28Page - Freescale Semiconductor, Inc TBD Datasheet HTML 29Page - Freescale Semiconductor, Inc TBD Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
26
Table 2 describes the maximum electrical ratings for the MSC8144E.
Table 2. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Core supply voltage
Vdd
–0.3 to 1.1
V
PLL supply voltage
VDDPLL0
VDDPLL1
VDDPLL2
–0.3 to 1.1
V
M3 memory Internal voltage
VDDM3
–0.3 to 1.32
V
DDR memory supply voltage
• DDR mode
• DDR2 mode
DDR reference voltage
Input DDR voltage
VDDDDR
MVREF
VINDDR
–0.3 to 2.75
–0.3 to 1.98
–0.3 to 0.51
× VDDDDR
–0.3 to VDDDDR + 0.3
V
V
V
V
Ethernet 1 I/O voltage
Input Ethernet 1 I/O voltage
VDDGE1
VINGE1
–0.3 to 3.465
–0.3 to VDDGE1 + 0.3
V
V
Ethernet 2 I/O voltage
Input Ethernet 2I/O voltage
VDDGE2
VINGE2
–0.3 to 3.465
–0.3 to VDDGE2 + 0.3
V
V
I/O voltage excluding Ethernet, DDR, M3, and RapidIO lines
Input I/O voltage
VDDIO
VINIO
–0.3 to 3.465
–0.3 to VDDIO + 0.3
V
V
M3 memory I/O and M3 memory charge pump voltage
Input M3 memory I/O voltage
VDDM3IO
V25M3
VINM3IO
–0.3 to 2.75
–0.3 to VDDM3IO + 0.3
V
V
Rapid I/O C voltage
VDDSXC
–0.3 to 1.21
V
Rapid I/O P voltage
VDDSXP
–0.3 to 1.26
V
Rapid I/O PLL voltage
VDDRIOPLL
–0.3 to 1.21
V
Operating temperature
TJ
–40 to 105
°C
Storage temperature range
TSTG
–55 to +150
°C
Notes:
1.
Functional operating conditions are given in Table 3.
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the listed limits may affect device reliability or cause permanent damage.
3.
PLL supply voltage is specified at input of the filter and not at pin of the MSC8144E (see Figure 44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com