Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS210 Datasheet(PDF) 35 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 35 Page - TT Electronics.

Back Button FS210 Datasheet HTML 31Page - TT Electronics. FS210 Datasheet HTML 32Page - TT Electronics. FS210 Datasheet HTML 33Page - TT Electronics. FS210 Datasheet HTML 34Page - TT Electronics. FS210 Datasheet HTML 35Page - TT Electronics. FS210 Datasheet HTML 36Page - TT Electronics. FS210 Datasheet HTML 37Page - TT Electronics. FS210 Datasheet HTML 38Page - TT Electronics. FS210 Datasheet HTML 39Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 35
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Typical Application Circuit
A schematic representation of a typical application circuit is shown below, one each for the FS210 and FS310. In this circuit,
the device is configured for master-mode power-up sequences: the MODE pin is pulled high, and a M24C32 non-volatile
EEPROM device is placed on the same I2C bus. This circuit would be most appropriate for a system design in which there is
no microcontroller with an I2C port in the system to store configuration data and load them into the device upon power-up
in the field. If such a microcontroller is available in the system, the MODE pin of the device would be pulled low, the
M24C32 device would be absent, and the I2C bus lines (SCL, SDA) would be brought out to connect to the I2C port of the
microcontroller. The typical application circuit contains a visible LED in series with a current-limiting resistor connected to
the open-drain IRQZ pin of the device to produce a visible indication of an alarm condition.
Figure 14: FS210 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com