Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS3063 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS3063
Description  800mA/180kHz Dc to Dc Converter Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3063 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3063 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS3063
800mA/180kHz Dc to Dc Converter Controller
4/9
Version: A07
Typical Application Circuit
Step-Down Converter
Quick Design Component Selection Table for 5V output version
L
(uH)
Cout
(uF)
CT
(pF)
Vin
(V)
Iin
(mA)
Pin
(W)
Vout
(V)
Iout
(A)
Pout
(W)
Frequency
(KHz)
η
(%)
100
470
150
12
0.261
3.132
5.002
0.5
2.501
96
80.3
330
470
200
40
0.079
3.16
5.012
0.5
2.506
36
79.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com