Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLG46517 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG46517
Description  GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m/2 A P-FET
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46517 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG46517 Datasheet HTML 17Page - Renesas Technology Corp SLG46517 Datasheet HTML 18Page - Renesas Technology Corp SLG46517 Datasheet HTML 19Page - Renesas Technology Corp SLG46517 Datasheet HTML 20Page - Renesas Technology Corp SLG46517 Datasheet HTML 21Page - Renesas Technology Corp SLG46517 Datasheet HTML 22Page - Renesas Technology Corp SLG46517 Datasheet HTML 23Page - Renesas Technology Corp SLG46517 Datasheet HTML 24Page - Renesas Technology Corp SLG46517 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 190 page
background image
Datasheet
12-Feb-2025
CFR0011-120-00
Revision 3.13
21 of 189
© 2025 Renesas Electronics Corporation
SLG46517
GreenPAK Programmable Mixed-Signal Matrix
with ASM and Dual 44 m
/2 A P-FET
tpd
Delay
Digital input to PMOS output
44
-
19
-
14
-
ns
tpd
Delay
Digital input to NMOS output
-
81
-
30
-
20
ns
tpd
Delay
Output enable from pin, OE Hi-Z
to 1
48
-
20
-
15
-
ns
tpd
Delay
Output enable from pin, OE Hi-Z
to 0
-46-
20
-
14
ns
tpd
Delay
2-bit LUT (LATCH)
34
33
14
13
10
9
ns
tpd
Delay
LATCH(2-bit LUT)
30
34
14
13
10
9
ns
tpd
Delay
3-bit LUT(LATCH)
38
37
18
15
13
10
ns
tpd
Delay
LATCH+nRESET(3-bit LUT)
45
42
21
17
15
12
ns
tpd
Delay
LATCH
33
35
14
14
11
10
ns
tpd
Delay
4-bit LUT
28
33
14
13
10
9
ns
tpd
Delay
2-bit LUT
31
31
14
13
10
9
ns
tpd
Delay
3-bit LUT
35
33
15
13
11
10
ns
tpd
Delay
CNT/DLY Logic
62
68
27
29
19
20
ns
tpd
Delay
DFF
32
281412
11
9
ns
tpd
Delay
P_DLY1C
367
356
165
160
123
119
ns
tpd
Delay
P_DLY2C
667
656
303
297
225
221
ns
tpd
Delay
P_DLY3C
968
956
440
434
327
322
ns
tpd
Delay
P_DLY4C
1265
1252
576
570
428
423
ns
tpd
Delay
Filter
213
210
84
83
55
55
ns
tpd
Delay
ACMP (5 mV overdrive)
1600
1900
1500
1800
1600
1800
ns
tw
Pulse
Width
IO with 1x Push-Pull (min transmit-
ted)
20
20
20
20
20
20
ns
tw
Pulse
Width
filter (min transmitted)
150
150
55
55
35
35
ns
Table 13: Typical Propagations Delays and Pulse Widths at T = 25 °C
Parameter
Description
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
tw
Pulse Width,
1 cell
mode: (any)edge detect, edge detect output
296
135
101
ns
tw
Pulse Width,
2 cell
mode: (any)edge detect, edge detect output
597
272
203
ns
tw
Pulse Width,
3 cell
mode: (any)edge detect, edge detect output
898
410
305
ns
tw
Pulse Width,
4 cell
mode: (any)edge detect, edge detect output
1195
546
407
ns
time1
Delay, 1 cell
mode: (any)edge detect, edge detect output
55
2418
ns
time1
Delay, 2 cell
mode: (any)edge detect, edge detect output
55
2418
ns
time1
Delay, 3 cell
mode: (any)edge detect, edge detect output
55
2418
ns
time1
Delay, 4 cell
mode: (any)edge detect, edge detect output
55
2418
ns
time2
Delay, 1 cell
mode: both edge delay, edge detect output
367
165
106
ns
time2
Delay, 2 cell
mode: both edge delay, edge detect output
667
300
193
ns
Table 12: Typical Delay Estimated for Each Macrocell at T = 25 °C (Continued)
Parameter Description
Note
VDD = 1.8 V
VDD = 3.3V
VDD = 5.0V
Unit
Rising Falling Rising Falling Rising Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com