Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLG46533 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG46533
Description  Programmable Mixed-signal Matrix
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46533 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG46533 Datasheet HTML 17Page - Renesas Technology Corp SLG46533 Datasheet HTML 18Page - Renesas Technology Corp SLG46533 Datasheet HTML 19Page - Renesas Technology Corp SLG46533 Datasheet HTML 20Page - Renesas Technology Corp SLG46533 Datasheet HTML 21Page - Renesas Technology Corp SLG46533 Datasheet HTML 22Page - Renesas Technology Corp SLG46533 Datasheet HTML 23Page - Renesas Technology Corp SLG46533 Datasheet HTML 24Page - Renesas Technology Corp SLG46533 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 189 page
background image
© 2025 Renesas Electronics Corporation
Page 20 of 187
SLG46533
Revision 1.30
5.11.3 OSC Power On Delay
Table 12. Oscillators Power On delay at room temperature, DLY/CNT Counter data = 100; RC OSC power setting: "Auto
Power On", RC osc clock to matrix input: "Enable"
Power
Supply
Range
(VDD) V
RC OSC0 2 MHz
RC OSC0 25 kHz
RC OSC1
Typical
Value, ns
Maximum
Value, ns
Typical
Value, µs
Maximum
Value, µs
Typical
Value, ns
Maximum
Value, ns
1.71
372.7
407.3
0.40
0.57
71.2
87.3
1.80
349.2
379.5
0.38
0.41
65.0
78.7
1.89
330.3
358.0
0.35
0.41
59.7
71.3
2.30
277.2
298.1
0.29
0.31
43.0
54.0
2.50
262.0
281.9
0.28
0.30
39.6
48.1
2.70
250.2
269.8
0.26
0.30
36.7
43.5
3.00
236.6
256.7
0.25
0.44
33.2
39.8
3.30
226.7
247.4
0.23
0.47
30.4
36.8
3.60
219.0
239.9
0.22
0.46
28.2
34.3
4.20
207.4
229.2
0.37
0.50
25.8
30.6
4.50
202.8
224.5
1.63
1.92
25.0
29.2
5.00
196.3
218.7
1.67
2.05
24.3
27.5
5.50
190.8
213.3
1.69
1.99
23.7
26.8
Table 13. Oscillators Power On delay at room temperature, DLY/CNT Counter data = 100; RC OSC power setting: "Auto
Power On", RC osc clock to matrix input: "Enable", Fast Start-up Time Mode
Power
Supply
Range
(VDD) V
RC OSC0 2 MHz
RC OSC1 25 kHz
Typical
Value, ns
Maximum
Value, ns
Typical
Value, µs
Maximum
Value, µs
1.71
327.9
360.0
0.68
0.76
1.80
309.9
338.3
0.64
0.64
1.89
295.5
323.1
0.61
0.70
2.30
254.9
278.1
0.53
21.93
2.50
243.1
266.1
3.23
21.88
2.70
234.1
257.1
16.68
21.94
3.00
223.7
246.8
19.25
21.90
3.30
215.7
239.1
19.22
21.77
3.60
209.4
232.9
19.21
21.74
4.20
199.5
223.4
19.17
21.78
4.50
195.5
219.8
19.15
21.69
5.00
189.8
214.6
19.12
21.71
5.50
184.9
209.8
19.05
21.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com