Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM5111 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5111 Datasheet HTML 5Page - Texas Instruments LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments LM5111 Datasheet HTML 10Page - Texas Instruments LM5111 Datasheet HTML 11Page - Texas Instruments LM5111 Datasheet HTML 12Page - Texas Instruments LM5111 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
UVLO
VEE
IN_A
VCC
VCC
OUT_A
VEE
OUT_B
VEE
IN_B
Copyright © 2016, Texas Instruments Incorporated
9
LM5111
www.ti.com
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
LM5111 dual gate driver consists of two independent and identical driver channels with TTL compatible logic
inputs and high current totem-pole outputs that source or sink current to drive MOSFET gates. The driver output
consist of a compound structure with MOS and bipolar transistor operating in parallel to optimize current
capability over a wide output voltage and operating temperature range. The bipolar device provides high peak
current at the critical threshold region of the MOSFET VGS while the MOS devices provide rail-to-rail output
swing. The totem pole output drives the MOSFET gate between the gate drive supply voltage VCC and the power
ground potential at the VEE pin.
The control inputs of the drivers are high impedance CMOS buffers with TTL compatible threshold voltages. The
LM5111 pinout was designed for compatibility with industry standard gate drivers in single supply gate driver
applications.
The input stage of each driver should be driven by a signal with a short rise and fall time. Slow rising and falling
input signals, although not harmful to the driver, may result in the output switching repeatedly at a high
frequency.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com