Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSA932 Datasheet(PDF) 2 Page - YANGZHOU POSITIONING TECH. CO., LTD

Part # CSA932
Description  Asymmetric thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YZPST [YANGZHOU POSITIONING TECH. CO., LTD]
Direct Link  https://www.yzpst.com/
Logo YZPST - YANGZHOU POSITIONING TECH. CO., LTD

CSA932 Datasheet(HTML) 2 Page - YANGZHOU POSITIONING TECH. CO., LTD

  CSA932 Datasheet HTML 1Page - YANGZHOU POSITIONING TECH. CO., LTD CSA932 Datasheet HTML 2Page - YANGZHOU POSITIONING TECH. CO., LTD CSA932 Datasheet HTML 3Page - YANGZHOU POSITIONING TECH. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
YANGZHOU POSITIONING TECH. CO., LTD
Tel: +86-514-87782298, 87782296
FAX:+86-514-87782297, 87367519
E-mail :positioning@china.com;
yzforever@vip.tom.com;
yzpst@pst888.com
WEB SITE:http://www.pst888.com
www.yzpst.cc
ELECTRICAL CHARACTERISTICS AND RATINGS
Gating
Parameter
Symbol
Min.
Max.
Typ.
Units
Conditions
Peak gate power dissipation
PGM
-
W
Average gate power dissipation
PG(AV)
-
W
Peak gate current
IGM
-
A
Gate current required to trigger
all units
IGT
-
300
-
mA
mA
mA
VD = 10 V;RL = 3 ohms;Tj = -40
oC
VD = 10 V;RL = 3 ohms;Tj = +25
oC
VD = 10 V;RL = 3 ohms;Tj = +125
oC
Gate voltage required to trigger
all units
VGT
-
2.5
-
V
V
V
VD = 10 V;RL = 3 ohms;Tj = -40
oC
VD = 10 V;RL = 3 ohms;Tj = 0-125
oC
VD = Rated VDRM; RL = 1000 ohms;
Tj = + 125
oC
Peak negative voltage
VRGM
-
V
Dynamic
Parameter
Symbol
Min.
Max.
Typ.
Units
Conditions
Delay time
td
-
-
s
ITM = 50 A; VD = Rated VDRM
Gate pulse: VG = 20 V; RG = 20
ohms; tr = 0.1 s; tp = 20 s
Turn-off time (with VR = -50 V)
tq
-
40
s
ITM = 1000 A; di/dt = 25 A/s;
VR  -50 V; Re-applied dV/dt = 20
V/
s linear to 80% V
DRM; VG = 0;
Tj = 125
oC; Duty cycle
 0.01%
Reverse recovery charge
Qrr
-
-
C
ITM = 1000 A; di/dt = 25 A/s;
VR  -50 V
* For guaranteed max. value, contact factory.
THERMAL AND MECHANICAL CHARACTERISTICS AND RATINGS
Parameter
Symbol
Min.
Max.
Typ.
Units
Conditions
Operating temperature
Tj
-40
+125
oC
Storage temperature
Tstg
-40
+125
oC
Thermal resistance - junction to case
R (j-c)
20
-
K/KW
Double sided cooled
Single sided cooled
Thermal resistamce - case to heatsink
R (c-s)
-
-
K/KW
Double sided cooled *
Single sided cooled *
Thermal resistamce - junction to
heatsink
R (j-s)
-
-
K/KW
Double sided cooled *
Single sided cooled *
Mounting force
F
-
-
22
kN
Weight
W
510
g
About
* Mounting surfaces smooth, flat and greased



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com