Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S25FL256SDPNFB3 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S25FL256SDPNFB3
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFB3 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S25FL256SDPNFB3 Datasheet HTML 17Page - Cypress Semiconductor S25FL256SDPNFB3 Datasheet HTML 18Page - Cypress Semiconductor S25FL256SDPNFB3 Datasheet HTML 19Page - Cypress Semiconductor S25FL256SDPNFB3 Datasheet HTML 20Page - Cypress Semiconductor S25FL256SDPNFB3 Datasheet HTML 21Page - Cypress Semiconductor S25FL256SDPNFB3 Datasheet HTML 22Page - Cypress Semiconductor S25FL256SDPNFB3 Datasheet HTML 23Page - Cypress Semiconductor S25FL256SDPNFB3 Datasheet HTML 24Page - Cypress Semiconductor S25FL256SDPNFB3 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 20 of 148
S25FL128S/S25FL256S
3.3.8
Single Input Cycle - Host to Memory Transfer
Several commands transfer information after the instruction on the single serial input (SI) signal from host to the memory device. The
dual output, and quad output commands send address to the memory using only SI but return read data using the I/O signals. The
host keeps RESET# high, CS# low, HOLD# high, and drives SI as needed for the command. The memory does not drive the Serial
Output (SO) signal.
The expected next interface state depends on the instruction. Some instructions continue sending address or data to the memory
using additional Single Input Cycles. Others may transition to Single Latency, or directly to Single, Dual, or Quad Output.
3.3.9
Single Latency (Dummy) Cycle
Read commands may have zero to several latency cycles during which read data is read from the main flash memory array before
transfer to the host. The number of latency cycles are determined by the Latency Code in the configuration register (CR[7:6]). During
the latency cycles, the host keeps RESET# high, CS# low, and HOLD# high. The Write Protect (WP#) signal is ignored. The host
may drive the SI signal during these cycles or the host may leave SI floating. The memory does not use any data driven on SI / I/O0
or other I/O signals during the latency cycles. In dual or quad read commands, the host must stop driving the I/O signals on the
falling edge at the end of the last latency cycle. It is recommended that the host stop driving I/O signals during latency cycles so that
there is sufficient time for the host drivers to turn off before the memory begins to drive at the end of the latency cycles. This prevents
driver conflict between host and memory when the signal direction changes. The memory does not drive the Serial Output (SO) or I/
O signals during the latency cycles.
The next interface state depends on the command structure i.e. the number of latency cycles, and whether the read is single, dual,
or quad width.
3.3.10 Single Output Cycle - Memory to Host Transfer
Several commands transfer information back to the host on the single Serial Output (SO) signal. The host keeps RESET# high, CS#
low, and HOLD# high. The Write Protect (WP#) signal is ignored. The memory ignores the Serial Input (SI) signal. The memory
drives SO with data.
The next interface state continues to be Single Output Cycle until the host returns CS# to high ending the command.
3.3.11 Dual Input Cycle - Host to Memory Transfer
The Read Dual I/O command transfers two address or mode bits to the memory in each cycle. The host keeps RESET# high, CS#
low, HOLD# high. The Write Protect (WP#) signal is ignored. The host drives address on SI / IO0 and SO / IO1.
The next interface state following the delivery of address and mode bits is a Dual Latency Cycle if there are latency cycles needed or
Dual Output Cycle if no latency is required.
3.3.12 Dual Latency (Dummy) Cycle
Read commands may have zero to several latency cycles during which read data is read from the main flash memory array before
transfer to the host. The number of latency cycles are determined by the Latency Code in the configuration register (CR[7:6]). During
the latency cycles, the host keeps RESET# high, CS# low, and HOLD# high. The Write Protect (WP#) signal is ignored. The host
may drive the SI / IO0 and SO / IO1 signals during these cycles or the host may leave SI / IO0 and SO / IO1 floating. The memory
does not use any data driven on SI / IO0 and SO / IO1 during the latency cycles. The host must stop driving SI / IO0 and SO / IO1
on the falling edge at the end of the last latency cycle. It is recommended that the host stop driving them during all latency cycles so
that there is sufficient time for the host drivers to turn off before the memory begins to drive at the end of the latency cycles. This
prevents driver conflict between host and memory when the signal direction changes. The memory does not drive the SI / IO0 and
SO / IO1 signals during the latency cycles.
The next interface state following the last latency cycle is a Dual Output Cycle.
3.3.13 Dual Output Cycle - Memory to Host Transfer
The Read Dual Output and Read Dual I/O return data to the host two bits in each cycle. The host keeps RESET# high, CS# low, and
HOLD# high. The Write Protect (WP#) signal is ignored. The memory drives data on the SI / IO0 and SO / IO1 signals during the
dual output cycles.
The next interface state continues to be Dual Output Cycle until the host returns CS# to high ending the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com