Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LAN9252TI/ML Datasheet(PDF) 53 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 53 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 49Page - Microchip Technology LAN9252TI/ML Datasheet HTML 50Page - Microchip Technology LAN9252TI/ML Datasheet HTML 51Page - Microchip Technology LAN9252TI/ML Datasheet HTML 52Page - Microchip Technology LAN9252TI/ML Datasheet HTML 53Page - Microchip Technology LAN9252TI/ML Datasheet HTML 54Page - Microchip Technology LAN9252TI/ML Datasheet HTML 55Page - Microchip Technology LAN9252TI/ML Datasheet HTML 56Page - Microchip Technology LAN9252TI/ML Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 53
LAN9252
8.0
SYSTEM INTERRUPTS
8.1
Functional Overview
This chapter describes the system interrupt structure of the device. The device provides a multi-tier programmable inter-
rupt structure which is controlled by the System Interrupt Controller. The programmable system interrupts are generated
internally by the various device sub-modules and can be configured to generate a single external host interrupt via the
IRQ interrupt output pin. The programmable nature of the host interrupt provides the user with the ability to optimize
performance dependent upon the application requirements. The IRQ interrupt buffer type, polarity and de-assertion
interval are modifiable. The IRQ interrupt can be configured as an open-drain output to facilitate the sharing of interrupts
with other devices. All internal interrupts are maskable and capable of triggering the IRQ interrupt.
8.2
Interrupt Sources
The device is capable of generating the following interrupt types:
• Ethernet PHY Interrupts
• Power Management Interrupts
• General Purpose Timer Interrupt (GPT)
• EtherCAT Interrupt
• Software Interrupt (General Purpose)
• Device Ready Interrupt
• Clock Output Test Mode
All interrupts are accessed and configured via registers arranged into a multi-tier, branch-like structure, as shown in
Figure 8-1. At the top level of the device interrupt structure are the Interrupt Status Register (INT_STS), Interrupt Enable
Register (INT_EN) and Interrupt Configuration Register (IRQ_CFG).
The Interrupt Status Register (INT_STS) and Interrupt Enable Register (INT_EN) aggregate and enable/disable all inter-
rupts from the various device sub-modules, combining them together to create the IRQ interrupt. These registers pro-
vide direct interrupt access/configuration to the General Purpose Timer, software and device ready interrupts. These
interrupts can be monitored, enabled/disabled and cleared, directly within these two registers. In addition, event indica-
tions are provided for the EtherCAT Slave, Power Management, and Ethernet PHY interrupts. These interrupts differ in
that the interrupt sources are generated and cleared in other sub-block registers. The INT_STS register does not pro-
vide details on what specific event within the sub-module caused the interrupt and requires the software to poll an addi-
tional sub-module interrupt register (as shown in Figure 8-1) to determine the exact interrupt source and clear it. For
interrupts which involve multiple registers, only after the interrupt has been serviced and cleared at its source will it be
cleared in the INT_STS register.
The Interrupt Configuration Register (IRQ_CFG) is responsible for enabling/disabling the IRQ interrupt output pin as
well as configuring its properties. The IRQ_CFG register allows the modification of the IRQ pin buffer type, polarity and
de-assertion interval. The de-assertion timer guarantees a minimum interrupt de-assertion period for the IRQ output
and is programmable via the Interrupt De-assertion Interval (INT_DEAS) field of the Interrupt Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com