Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LAN9252I/ML Datasheet(PDF) 44 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 44 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 40Page - Microchip Technology LAN9252I/ML Datasheet HTML 41Page - Microchip Technology LAN9252I/ML Datasheet HTML 42Page - Microchip Technology LAN9252I/ML Datasheet HTML 43Page - Microchip Technology LAN9252I/ML Datasheet HTML 44Page - Microchip Technology LAN9252I/ML Datasheet HTML 45Page - Microchip Technology LAN9252I/ML Datasheet HTML 46Page - Microchip Technology LAN9252I/ML Datasheet HTML 47Page - Microchip Technology LAN9252I/ML Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 329 page
background image
LAN9252
DS00001909A-page 44
 2015 Microchip Technology Inc.
This module also masks the status bits with the corresponding enable bits (Energy-Detect / WoL Enable Port B
(ED_WOL_EN_B) and Energy-Detect / WoL Enable Port A (ED_WOL_EN_A)) and combines the results together to
generate the Power Management Interrupt Event (PME_INT) status bit in the Interrupt Status Register (INT_STS). The
PME_INT status bit is then masked with the Power Management Event Interrupt Enable (PME_INT_EN) bit and com-
bined with the other interrupt sources to drive the IRQ output pin.
When the PM_WAKE bit of the Power Management Control Register (PMT_CTRL) is set, the PME event will automat-
ically wake up the system in certain chip level power modes, as described in Section 6.3.4.2, "Exiting Low Power
Modes," on page 46.
6.3.3
BLOCK LEVEL POWER MANAGEMENT
The device supports software controlled clock disabling of various modules in order to reduce power consumption.
6.3.3.1
Disabling The EtherCAT Core
The entire EtherCAT Core may be disabled by setting the ECAT_DIS bit in the Power Management Control Register
(PMT_CTRL). As a safety precaution, in order for this bit to be set, it must be written as a 1 two consecutive times. A
write of a 0 will reset the count.
Note:
The PME interrupt status bit (PME_INT) in the INT_STS register is set regardless of the setting of
PME_INT_EN.
FIGURE 6-1:
PME INTERRUPT SIGNAL GENERATION
Note:
Disabling individual blocks does not automatically reset the block, it only places it into a static non-opera-
tional state in order to reduce the power consumption of the device. If a block reset is not performed before
re-enabling the block, then care must be taken to ensure that the block is in a state where it can be disabled
and then re-enabled.
ED_WOL_EN_A (bit
14) of PMT_CTRL
register
Denotes a level-triggered "sticky" status bit
PME_INT_EN (bit 17)
of INT_EN register
PME_INT (bit 17)
of INT_STS register
IRQ_EN (bit 8)
of IRQ_CFG register
IRQ
Other System
Interrupts
ED_WOL_STS_A (bit 16)
of PMT_CTRL register
INT7_MASK (bit 7) of
PHY_INTERRUPT_MASK_A register
INT7 (bit 7) of
PHY_INTERRUPT_SOURCE_A register
Polarity &
Buffer Type
Logic
INT8_MASK (bit 8) of
PHY_INTERRUPT_MASK_A register
INT8 (bit 8) of
PHY_INTERRUPT_SOURCE_A register
ED_WOL_EN_B (bit
15) of PMT_CTRL
register
ED_WOL_STS_B (bit 17)
of PMT_CTRL register
INT7_MASK (bit 7) of
PHY_INTERRUPT_MASK_B register
INT7 (bit 7) of
PHY_INTERRUPT_SOURCE_B register
INT8_MASK (bit 8) of
PHY_INTERRUPT_MASK_B register
INT8 (bit 8) of
PHY_INTERRUPT_SOURCE_B register
Other PHY Interrupts
Other PHY Interrupts
PM_WAKE (bit 28) of
PMT_CTRL register
PME wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com