Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AIML-0402HP-R33 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIML-0402HP-R33
Description  Miniature Ferrite Multilayer Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIML-0402HP-R33 Datasheet(HTML) 2 Page - Abracon Corporation

  AIML-0402HP-R33 Datasheet HTML 1Page - Abracon Corporation AIML-0402HP-R33 Datasheet HTML 2Page - Abracon Corporation AIML-0402HP-R33 Datasheet HTML 3Page - Abracon Corporation AIML-0402HP-R33 Datasheet HTML 4Page - Abracon Corporation AIML-0402HP-R33 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Miniature Ferrite Multilayer Power Inductor
AIML-0402HP
1.0 x 0.5 x 0.5 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/25/2024
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions
Isat: DC current at which the inductance drops 30% from its value without current.
Irms: DC current that causes the temperature rise (ΔT, approximate 40 ˚C) from 20°C ambient
Operating Temperature: -45˚C ~ +125˚C (including self-temperature rise)
Storage Condition: -10˚C ~ +40˚C (with packaging) and R.H. 70% max
AIML-0402HP Series is RoHS Compliant and Pb free
AIML - 0402HP -
-
Inductance Code
See Electrical Specification table
Packaging
T: Tape and Reel (See Packaging)
[Blank]: Bulk
Tolerance
M = ± 20%
K= ± 10%
Part Identification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com