Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VS6724 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 5Page - STMicroelectronics VS6724 Datasheet HTML 6Page - STMicroelectronics VS6724 Datasheet HTML 7Page - STMicroelectronics VS6724 Datasheet HTML 8Page - STMicroelectronics VS6724 Datasheet HTML 9Page - STMicroelectronics VS6724 Datasheet HTML 10Page - STMicroelectronics VS6724 Datasheet HTML 11Page - STMicroelectronics VS6724 Datasheet HTML 12Page - STMicroelectronics VS6724 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
VS6724
Overview
9/118
1.2
Signal description
The VS6724 has 20 electrical connections which are described in
Table 1.
The package details and electrical pinout of the flex connector are shown in
Figure 45 on
page 115 and Figure 46 on page 116.
Table 1.
Signal description
Pad name
Type
Description
Reference voltage
GND
PWR
Ground(1)
1.
The two GND pins are connected together on the device substrate.
HSYNC
OUT
Horizontal synchronization output
VDD
VSYNC
OUT
Vertical synchronization output
VDD
SCL
IN
I²C clock input
VDD
CLK
IN
Master clock input - 6.5MHz to 27MHz
VDD
SDA
I/O
I²C data line
VDD
VDD
PWR
Digital supply
1.8 V OR 2.8 V
AVDD
PWR
Analogue supply
2.4 V to 3.0 V
PCLK
OUT
Pixel qualification clock
VDD
CE
IN
Chip enable signal active HIGH
VDD
DO5
OUT
Data output D5
VDD
DO4
OUT
Data output D4
VDD
GND
PWR
Ground(1)
DO3
OUT
Data output D3
VDD
DO2
OUT
Data output D2
VDD
DO1
OUT
Data output D1
VDD
DO0
OUT
Data output D0
VDD
DO6
OUT
Data output D6
VDD
DO7
OUT
Data output D7
VDD
FSO
OUT
Flash output
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com