Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPZ Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPZ
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPZ Datasheet(HTML) 2 Page - Nichicon corporation

  UPZ Datasheet HTML 1Page - Nichicon corporation UPZ Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UPZ
Dimensions
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
(
at 20℃ after
1 minute
)
200
(2D)
82
10×30.5
0.12
756
400
 UPZ2D820MPD
150
12.5×30.5
0.12
1300
620
 UPZ2D151MHD
180
12.5×35.5
0.12
1540
700
 UPZ2D181MHD
220
12.5×40
0.12
1860
800
 UPZ2D221MHD
270
16×30.5
0.12
2260
870
 UPZ2D271MHD
330
16×35.5
0.12
2740
1010
 UPZ2D331MHD
330
18×30.5
0.12
2740
1010
 UPZ2D331MHD6
390
16×40
0.12
3220
1130
 UPZ2D391MHD
390
18×35.5
0.12
3220
1120
 UPZ2D391MHD6
470
18×40
0.12
3860
1270
 UPZ2D471MHD
400
(2G)
27
10×30.5
0.15
532
240
 UPZ2G270MPD
47
12.5×30.5
0.15
852
370
 UPZ2G470MHD
56
12.5×35.5
0.15
996
420
 UPZ2G560MHD
68
12.5×40
0.15
1188
480
 UPZ2G680MHD
100
16×30.5
0.15
1700
580
 UPZ2G101MHD
120
16×35.5
0.15
2020
670
 UPZ2G121MHD
120
18×30.5
0.15
2020
670
 UPZ2G121MHD6
150
16×40
0.15
2500
770
 UPZ2G151MHD
150
18×35.5
0.15
2500
770
 UPZ2G151MHD6
180
18×40
0.15
2980
880
 UPZ2G181MHD
420
(W6)
22
10×30.5
0.20
469.6
200
 UPZW6220MPD
39
12.5×30.5
0.20
755.2
310
 UPZW6390MHD
47
12.5×35.5
0.20
889.6
360
 UPZW6470MHD
56
12.5×40
0.20
1040.8
430
 UPZW6560MHD
68
16×30.5
0.20
1242.4
510
 UPZW6680MHD
82
16×35.5
0.20
1477.6
570
 UPZW6820MHD
100
16×40
0.20
1780
610
 UPZW6101MHD
100
18×30.5
0.20
1780
610
 UPZW6101MHD6
120
18×35.5
0.20
2116
660
 UPZW6121MHD
150
18×40
0.20
2620
710
 UPZW6151MHD
450
(2W)
18
10×30.5
0.20
424
180
 UPZ2W180MPD
33
12.5×30.5
0.20
694
280
 UPZ2W330MHD
39
12.5×35.5
0.20
802
320
 UPZ2W390MHD
47
12.5×40
0.20
946
380
 UPZ2W470MHD
56
16×30.5
0.20
1108
440
 UPZ2W560MHD
68
16×35.5
0.20
1324
490
 UPZ2W680MHD
82
16×40
0.20
1576
550
 UPZ2W820MHD
82
18×30.5
0.20
1576
550
 UPZ2W820MHD6
100
18×35.5
0.20
1900
650
 UPZ2W101MHD
120
18×40
0.20
2260
740
 UPZ2W121MHD
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com