Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7262 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7262 Datasheet HTML 25Page - STMicroelectronics ST7262 Datasheet HTML 26Page - STMicroelectronics ST7262 Datasheet HTML 27Page - STMicroelectronics ST7262 Datasheet HTML 28Page - STMicroelectronics ST7262 Datasheet HTML 29Page - STMicroelectronics ST7262 Datasheet HTML 30Page - STMicroelectronics ST7262 Datasheet HTML 31Page - STMicroelectronics ST7262 Datasheet HTML 32Page - STMicroelectronics ST7262 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 139 page
background image
ST7262
29/139
INTERRUPTS (Cont’d)
Table 6. Interrupt Mapping
Table 7. Nested Interrupts Register Map and Reset Values
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Address
Vector
Reset
Highest
Priority
Lowest
Priority
Yes
FFFEh-FFFFh
TRAP software interrupt
No
FFFCh-FFFDh
0
ICP
FLASH Start programming NMI interrupt
Yes
FFFAh-FFFBh
1
USB
USB End Suspend interrupt
USBISTR
Yes
FFF8h-FFF9h
2
I/O Ports
Port A external interrupts IT[4:1]
ITRFRE1
Yes
FFF6h-FFF7h
3
Port B external interrupts IT[8:5]
ITRFRE1
Yes
FFF4h-FFF5h
4
Port C external interrupts IT[12:9]
ITRFRE2
Yes
FFF2h-FFF3h
5
TBU
Timebase Unit interrupt
TBUCSR
No
FFF0h-FFF1h
6
ART
ART/PWM Timer interrupt
ICCSR
Yes
FFEEh-FFEFh
7
SPI
SPI interrupt vector
SPISR
Yes
FFECh-FFEDh
8
SCI
SCI interrupt vector
SCISR
No
FFEAh-FFEBh
9
USB
USB interrupt vector
USBISTR
No
FFE8h-FFE9h
10
ADC
A/D End of conversion interrupt
ADCCSR
No
FFE6h-FFE7h
Reserved area
FFE0h-FFE5h
Address
(Hex.)
Register
Label
76543
210
0032h
ISPR0
Reset Value
Ext. Interrupt Port B
Ext. Interrupt Port A
USB END SUSP
Not Used
I1_3
1
I0_3
1
I1_2
1
I0_2
1
I1_1
1
I0_1
111
0033h
ISPR1
Reset Value
SPI
ART
TBU
Ext. Interrupt Port C
I1_7
1
I0_7
1
I1_6
1
I0_6
1
I1_5
1
I0_5
1
I1_4
1
I0_4
1
0034h
ISPR2
Reset Value
Not Used
ADC
USB
SCI
I1_11
1
I0_11
1
I1_10
1
I0_10
1
I1_9
1
I0_9
1
I1_8
1
I0_8
1
0035h
ISPR3
Reset Value
1111
Not Used
Not Used
I1_13
1
I0_13
1
I1_12
1
I0_12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com