Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCE5784 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SCE5784
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5784 Datasheet(HTML) 1 Page - OSRAM GmbH

  SCE5784 Datasheet HTML 1Page - OSRAM GmbH SCE5784 Datasheet HTML 2Page - OSRAM GmbH SCE5784 Datasheet HTML 3Page - OSRAM GmbH SCE5784 Datasheet HTML 4Page - OSRAM GmbH SCE5784 Datasheet HTML 5Page - OSRAM GmbH SCE5784 Datasheet HTML 6Page - OSRAM GmbH SCE5784 Datasheet HTML 7Page - OSRAM GmbH SCE5784 Datasheet HTML 8Page - OSRAM GmbH SCE5784 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Lead (Pb) Free Product - RoHS Compliant
Red
SCE5780
Yellow
SCE5781
Super-red
SCE5782
Green
SCE5783
High Efficiency Green
SCE5784
Soft Orange
SCE5785
InGaAlP Red
SCE5786
0.180" 8-Character 5 x 7 Dot Matrix
Serial Input Dot Addressable Intelligent Display® Devices
2006-01-23
1
DESCRIPTION
The SCE5780 (red), SCE5781 (yellow), SCE5782
(HER), SCE5783 (green), SCE5784 (HEG), SCE5785
(orange), and SCE5786 (InGaAlP red) are eight digit, dot
addressable 5 x 7 dot matrix, serial input, Intelligent Dis-
play devices. The eight 4.57 mm (0.180") high digits are
packaged in a rugged, high quality, optically transparent,
plastic 26 pin DIP with 7.62 mm (0.3") pin spacing.
The on-board CMOS has a 280 bit RAM, one bit associ-
ated with one LED, each to generate User Defined Char-
acters.
The SCE578X is designed to work with the serial port of
most common microprocessors. Data is transferred into
the display through the Serial Data Input (DATA), clocked
by the Serial Data Clock (SDCLK), and enabled by the
Load Input (LOAD).
The Clock I/O (CLK I/O) and Clock Select (CLKSEL) pins
offer the user the capability to supply a high speed exter-
nal multiplex clock. This feature can minimize audio
in-band interference for portable communication equip-
ment or eliminate the visual synchronization effects found
in high vibration environments such as avionic equipment.
The prescaler function allows for a higher speed external
multiplex clock when set to divide by 16.
FEATURES
Eight 4.57 mm (0.180") 5 x 7 Dot Matrix
Characters in Red, Yellow, Super-red, Green, High
Efficiency Green, Soft Orange, or InGaAlP Red
ROMless Serial Input, Dot Addressable Display
Ideal for User Defined Characters
Built-in Decoders, Multiplexers and LED Drivers
Readable from 2.5 meters (8 Feet)
Programmable Features:
– Clear Function
– Eight Dimming Levels
– Peak Current Select
– (12.5% or Full Peak Current)
– Prescaler Function
(External Oscillator Divided by 16 or 1)
– Internal or External Clock


Similar Part No. - SCE5784

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
SCE5741 OSRAM-SCE5741 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
SCE5742 OSRAM-SCE5742 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
SCE5743 OSRAM-SCE5743 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
SCE5744 OSRAM-SCE5744 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
More results

Similar Description - SCE5784

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Texas Instruments
TPIC2802 TI-TPIC2802 Datasheet
210Kb / 13P
OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
logo
OSRAM GmbH
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
Dot Addressable Intelligent Display짰 Devices
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
logo
Gamewell-FCI by Honeywe...
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
Intelligent Addressable Plug-In Thermal (Heat) Detectors
logo
Texas Instruments
TPIC2801 TI1-TPIC2801 Datasheet
189Kb / 13P
OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
TPIC2801KV TI-TPIC2801KV Datasheet
174Kb / 13P
OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com