Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH4550 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4550
Description  High Power Infrared Emitter (850 nm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4550 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4550 Datasheet HTML 1Page - OSRAM GmbH SFH4550 Datasheet HTML 2Page - OSRAM GmbH SFH4550 Datasheet HTML 3Page - OSRAM GmbH SFH4550 Datasheet HTML 4Page - OSRAM GmbH SFH4550 Datasheet HTML 5Page - OSRAM GmbH SFH4550 Datasheet HTML 6Page - OSRAM GmbH SFH4550 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2007-03-29
4
SFH 4550
Abstrahlcharakteristik
Radiation Characteristics I
rel = f (ϕ)
Strahlstärke I
e in Achsrichtung
1)
gemessen bei einem Raumwinkel
Ω = 0.001 sr
Radiant Intensity I
e in Axial Direction
at a solid angle of
Ω = 0.001 sr
Bezeichnung
Parameter
Symbol
Werte
Values
Einheit
Unit
SFH 4550-DW
SFH 4550-EW
SFH 4550-FW
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
Ie min
Ie max
400
800
630
1250
1000
2000
mW/sr
mW/sr
Strahlstärke
Radiant intensity
I
F = 1 A, tp = 100 μs
Ie typ
5000
7000
9000
mW/sr
1) Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 2:1) /
Only one group in one packing unit (variation lower 2:1)
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01718
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com