Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74VHC541 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC541
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC541 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC541 Datasheet HTML 1Page - STMicroelectronics 74VHC541 Datasheet HTML 2Page - STMicroelectronics 74VHC541 Datasheet HTML 3Page - STMicroelectronics 74VHC541 Datasheet HTML 4Page - STMicroelectronics 74VHC541 Datasheet HTML 5Page - STMicroelectronics 74VHC541 Datasheet HTML 6Page - STMicroelectronics 74VHC541 Datasheet HTML 7Page - STMicroelectronics 74VHC541 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74VHC541
OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (NON INVERTED)
®
June 1999
s
HIGH SPEED: tPD = 3.6 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 541
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (Max.)
DESCRIPTION
The VHC541 is an advanced high speed CMOS
OCTAL BUS BUFFER (3-STATE) fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
The 3 STATE control gate operates as a two
input AND such that if either G1 and G2 are high,
all eight outputs are in the high impedance state.
In order to enhance PC board layout, the AC541
offers a pinout having inputs and outputs on
opposite sides of the package.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74VHC541M
74VHC541T
M
(Micro Package)
T
(TSSOP Package)
1/8


Similar Part No. - 74VHC541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC541 FAIRCHILD-74VHC541 Datasheet
83Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74VHC541 NSC-74VHC541 Datasheet
146Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
293Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
12-Nov-2004
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
Octal Buffer/Line Driver
Revised May 2005
logo
Nexperia B.V. All right...
74VHC541 NEXPERIA-74VHC541 Datasheet
606Kb / 16P
Octal buffer/line driver; 3-state
More results

Similar Description - 74VHC541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Aug-1999
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Jul-2001
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Nov-1998
74AC244 STMICROELECTRONICS-74AC244_01 Datasheet
202Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com