Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC6221A Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6221A
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221A Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6221A Datasheet HTML 15Page - Torex Semiconductor XC6221A Datasheet HTML 16Page - Torex Semiconductor XC6221A Datasheet HTML 17Page - Torex Semiconductor XC6221A Datasheet HTML 18Page - Torex Semiconductor XC6221A Datasheet HTML 19Page - Torex Semiconductor XC6221A Datasheet HTML 20Page - Torex Semiconductor XC6221A Datasheet HTML 21Page - Torex Semiconductor XC6221A Datasheet HTML 22Page - Torex Semiconductor XC6221A Datasheet HTML 23Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
XC6221
Series
MARK
OUTPUT VOLTAGE 100mV INCREMENTS
OUTPUT VOLTAGE 50mV INCREMENTS
VOUT =0.8∼3.0V
VOUT =3.1∼4.0V
VOUT =0.85∼3.05V
VOUT =3.15∼3.95V
PRODUCT SERIES
V
A
E
L
XC6221A*****
X
B
F
M
XC6221B*****
Custom products:Represents last 1 digits of registered serial number.
0 to 9, reverse character 0 to 9 repeated (G, I, J, O, Q, W excepted)
ex.) CUSTOM PRODUCTS
MARK
SERIAL
PRODUCT SERIES
0
01
XC6221S01XM*
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
-
3.1
-
3.15
F
1.6
-
1.65
-
1
-
3.2
-
3.25
H
1.7
-
1.75
-
2
-
3.3
-
3.35
K
1.8
-
1.85
-
3
-
3.4
-
3.45
L
1.9
-
1.95
-
4
-
3.5
-
3.55
M
2.0
-
2.05
-
5
-
3.6
-
3.65
N
2.1
-
2.15
-
6
-
3.7
-
3.75
P
2.2
-
2.25
-
7
0.8
3.8
0.85
3.85
R
2.3
-
2.35
-
8
0.9
3.9
0.95
3.95
S
2.4
-
2.45
-
9
1.0
4.0
1.05
-
T
2.5
-
2.55
-
A
1.1
-
1.15
-
U
2.6
-
2.65
-
B
1.2
-
1.25
-
V
2.7
-
2.75
-
C
1.3
-
1.35
-
X
2.8
-
2.85
-
D
1.4
-
1.45
-
Y
2.9
-
2.95
-
E
1.5
-
1.55
-
Z
3.0
-
3.05
-
Custom products:Represents last 1 digits of registered serial number.
0 to 9, reverse character 0 to 9 repeated (G, I, J, O, Q, W excepted)
ex.) CUSTOM PRODUCTS
MARK
SERIAL
PRODUCT SERIES
0
01
XC6221S01XM*
MARK
PRODUCT SERIES
XC6221******
3
XC6221S*****
1
2
4
3
12
3
5
4
① ② ③ ④
⑤
②Represents type of regulator
③Represents output voltage
④⑤Represents production lot number
01, …, 09, 10, 11, …99, 0A, …,0Z, 1A, … 9Z, A0, …, Z9, AA, …, ZZ repeated.
(G, I, J, O, Q, W excepted)
*No character inversion used.
■MARKING RULE
●SOT-25 / USP-4
①Represents product series
SOT-25
(TOP VIEW)
USP-4
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com