Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPLLG81-P Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLLG81-P
Description  Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLG81-P Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLLG81-P Datasheet HTML 1Page - OSRAM GmbH SPLLG81-P Datasheet HTML 2Page - OSRAM GmbH SPLLG81-P Datasheet HTML 3Page - OSRAM GmbH SPLLG81-P Datasheet HTML 4Page - OSRAM GmbH SPLLG81-P Datasheet HTML 5Page - OSRAM GmbH SPLLG81-P Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPL LG81-P
2007-10-24
3
Dioden Kennwerte (20
° C heat sink temperature)
Diode Characteristics
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
typ.
max.
Zentrale Emissionswellenlänge
1) 2)
Emission wavelength
1) 2)
λ
peak
804
807
810
nm
Spektrale Breite (Halbwertsbreite)
1) 2)
Spectral width (FWHM)
1) 2)
∆λ
3.0
nm
Ausgangsleistung im Betriebspunkt
1)
Output power at operating point
1)
P
op
15
W
Differentielle Effizienz
Differential efficiency
η
d
1.00
1.10
W/A
Schwellstrom
Threshold current
I
th
7
9
11
A
Betriebsstrom
1)
Operating current
1)
I
op
24
26
A
Betriebsspannung
1) 3)
Operating voltage
1) 3)
V
op
1.8
2.0
V
Differentieller Serienwiderstand
Differential series resistance
R
s
5
m
Konversionseffizienz (elektrisch zu
optisch)
1)
Conversion efficiency (electrical to optical)
1)
η
con
40
%
Charakteristische Temperatur (Schwelle)
4)
Characteristic temperature (threshold)
4)
T
0
150
K
Temperaturkoeffizient des Betriebsstroms
Temperature coefficient of operating current
I
op / IopT
0.5
%/K
Temperaturkoeffizient der Wellenlänge
Temperature coefficient of wavelength
∂λ/∂T
0.3
nm/K
Thermischer Widerstand
(pn-Übergang
→Wärmesenke)
Thermal resistance (junction
→heat sink)
R
th JA
1.3
K/W
Wärmesenkentemperatur
5)
Heat sink temperature
5)
T
fluid
+ 10
+ 20
+ 30
°C
Strahldivergenz fast-axis (Vollwinkel 1/e
2)
Beam divergence fast axis (full angle, 1/e
2)
θ
0.5
0.8
1.1
Grad
deg.
Strahldivergenz slow-axis (Vollwinkel 1/e
2)
Beam divergence slow axis (full angle, 1/e
2)
θ
||
4
6
8
Grad
deg.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com