Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADL5372 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5372
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5372 Datasheet HTML 9Page - Analog Devices ADL5372 Datasheet HTML 10Page - Analog Devices ADL5372 Datasheet HTML 11Page - Analog Devices ADL5372 Datasheet HTML 12Page - Analog Devices ADL5372 Datasheet HTML 13Page - Analog Devices ADL5372 Datasheet HTML 14Page - Analog Devices ADL5372 Datasheet HTML 15Page - Analog Devices ADL5372 Datasheet HTML 16Page - Analog Devices ADL5372 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADL5375
Rev. 0 | Page 13 of 32
ADL5375-05
0
1
2
3
4
5
6
7
8
–160.5
–160.1
–159.7
–159.3
–158.9
–158.5
NOISE (dBm/Hz)
Figure 25. 20 MHz Offset Noise Floor Distribution at fLO = 2140 MHz
(I/Q Amplitude = 0 mV p-p with 500 mV DC Bias)
NOISE (dBm/Hz)
0
1
2
3
4
5
6
7
8
9
10
–158.9
–158.5
–158.1
–157.7
–157.3
–156.9
–156.5
Figure 26. 20 MHz Offset Noise Floor Distribution at fLO = 3500 MHz
(I/Q Amplitude = 0 mV p-p with 500 mV DC Bias)
74
76
78
80
82
84
86
88
90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
SSB OUTPUT POWER ISOLATION (dB)
CARRIER FEEDTHROUGH (dBm)
Figure 27. SSB POUT Isolation and Carrier Feedthrough with DSOP High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com