Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH1R02QRL Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH1R02QRL
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02QRL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH1R02QRL Datasheet HTML 2Page - STMicroelectronics STTH1R02QRL Datasheet HTML 3Page - STMicroelectronics STTH1R02QRL Datasheet HTML 4Page - STMicroelectronics STTH1R02QRL Datasheet HTML 5Page - STMicroelectronics STTH1R02QRL Datasheet HTML 6Page - STMicroelectronics STTH1R02QRL Datasheet HTML 7Page - STMicroelectronics STTH1R02QRL Datasheet HTML 8Page - STMicroelectronics STTH1R02QRL Datasheet HTML 9Page - STMicroelectronics STTH1R02QRL Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering information scheme
STTH1R02
6/10
2
Ordering information scheme
3
Package information
●
Epoxy meets UL94, V0
STTH
1 R
02 XX
Ultrafast switching diode
Average forward current
1 = 1 A
02 = 200 V
Blank = DO-41 in Ammopack
RL = DO-41 in Tape and reel
A = SMA in Tape and reel
Q = DO-15 in Ammopack
QRL = DO-15 in Tape and reel
U = SMB in Tape and reel
Model R
Repetitive peak reverse voltage
Package
Table 5.
DO-41 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.1
5.20
0.160
0.205
B
2
2.71
0.080
0.107
C25.4
1
D
0.712
0.863
0.028
0.034
Table 6.
DO-15 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
ØD ØB
A
CC
D
B
A
CC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com