Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EUA2011 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUA2011 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
4
Absolute Maximum Ratings
Supply Voltage, VDD ------------------------------------------------------------------------------------- -0.3 V to 6V
Voltage at Any Input Pin ------------------------------------------------------------------------- -0.3 V to VDD +0.3V
Junction Temperature, TJMAX --------------------------------------------------------------------------------------- 150°C
Storage Temperature Rang, Tstg --------------------------------------------------------------------- -65°C to 150°C
ESD Susceptibility --------------------------------------------------------------------------------------------
2kV
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds -----------------------------------------
260°C
Thermal Resistance
θJA (TDFN) --------------------------------------------------------------------------------------------------- 47°C/W
θJA (WCSP) -------------------------------------------------------------------------------------------------- 77.5°C/W
Recommended Operating Conditions
Min
Max
Unit
Supply voltage, VDD
2.5
5.5
V
High-level input voltage, VIH
SHUTDOWN
1.3
VDD
V
Low-level input voltage, VIL
SHUTDOWN
0
0.35
V
Input resistor, RI
Gain 20V/V (26dB)
15
Common mode input voltage range, VIC
VDD=2.5V,5.5V,CMRR -49dB
0.5
VDD-0.8
V
Operating free-air temperature, TA
-40
85
°C
Electrical Characteristics TA = 25°C (Unless otherwise noted)
EUA2011
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
OS
V
Output offset voltage
(measured differentially)
VI= 0V,AV=2 V/V, VDD=2.5V to 5.5V
1
25
mV
PSRR
Power supply rejection ratio
VDD= 2.5V to 5.5V
-72
-55
dB
CMRR Common mode rejection ratio
VDD= 2.5V to 5.5V, VIC= VDD/2 to
0.5V, VIC= VDD/2 to VDD -0.8 V
-60
-48
dB
IH
I
High-level input current
VDD= 5.5V, VI= 5.8V
100
µA
IL
I
Low-level input current
VDD= 5.5V, VI= -0.3V
5
µA
VDD= 5.5V, no load
3.5
4.9
VDD= 3.6V, no load
2.4
I(Q)
Quiescent current
VDD= 2.5V, no load
2
mA
I(SD)
Shutdown current
V
(
)
SHUTDOWN =0.35V,
VDD= 2.5V to 5.5V
0.5
µA
VDD= 2.5V
700
VDD= 3.6V
500
rDS(on)
Static drain-source on-state
resistance
VDD= 5.5V
400
mΩ
Output impedance in
SHUTDOWN
V
(
)
SHUTDOWN =0.4V
>1
kΩ
f(sw)
Switching frequency
VDD= 2.5V to 5.5V
200
250
300
kHz
Resistance from shutdown toGND
300
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com