Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PFS7527H Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # PFS7527H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7527H Datasheet(HTML) 1 Page - Power Integrations, Inc.

  PFS7527H Datasheet HTML 1Page - Power Integrations, Inc. PFS7527H Datasheet HTML 2Page - Power Integrations, Inc. PFS7527H Datasheet HTML 3Page - Power Integrations, Inc. PFS7527H Datasheet HTML 4Page - Power Integrations, Inc. PFS7527H Datasheet HTML 5Page - Power Integrations, Inc. PFS7527H Datasheet HTML 6Page - Power Integrations, Inc. PFS7527H Datasheet HTML 7Page - Power Integrations, Inc. PFS7527H Datasheet HTML 8Page - Power Integrations, Inc. PFS7527H Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
PFS7523-7529/7533-7539
HiperPFS-3 Family
www.power.com
April 2025
PFC Controller with Integrated High-Voltage MOSFET and Qspeed
Diode Optimized for High PF and Efficiency Across Load Range
Key Benefits
• High efficiency and power factor across load range
• >95% efficiency from 10% load to full load
• <60 mW no-load consumption at 230 VAC
• PF >0.92 easily achievable at 20% load
• EN61000-3-2 Class C and D compliant
• Highly integrated for smallest boost PFC form factor
• Integrated controller, MOSFET and ultra-low reverse recovery loss
diode (Qspeed)
• Packaging optimized for high volume production
• Eliminates insulating pad/heat-spreader
• Enhanced features
• Programmable Power Good (PG) signal
• User selectable power limit: Enables different HiperPFS-3 family
members to be tested in the same design for optimum device
selection
• Integrated non-linear amplifier for fast output OV and UV
protection and transient response
• Digital line peak detection that provides robust performance even
with distorted input voltage from UPS or generators
• Digital power factor enhancer compensates for EMI filter and
bridge distortion, providing high-line PF >0.92 @ 20% load
• Frequency adjusted over line voltage and each line cycle
• Spread-spectrum across >60 kHz window simplifies EMI filtering
requirements
• Lower boost inductance
• Provides up to 450 W peak output power for universal
applications, 1 kW for high-line only applications
• Protection features include: UVLO, UV, OV, OTP, brown-in/out,
cycle-by-cycle current limit and power limiting for overload
protection
• Halogen free and RoHS compliant
Applications
• E-bike and EV 2-Wheeler • 80 Plus™ Platinum
chargers
designs
• Power tool chargers
High-power adaptors
• PC
High-power LED lighting
• Printer
Industrial and appliance
• LCD TV
Generic PFC converter
• Video game consoles
Figure 1. Typical Application Schematic.
Output Power Table
Universal Input Devices
Product
Maximum Continuous
Output Power Rating at
90 VAC (Full Power Mode)
Peak Output Power
(Full Power Mode)
PFS7523L/H
110 W
120 W
PFS7524L/H
130 W
150 W
PFS7525L/H
185 W
205 W
PFS7526H
230 W
260 W
PFS7527H
290 W
320 W
PFS7528H
350 W
385 W
PFS7529H
405 W
450 W
High-Line Only Input Devices
Product
Maximum Continuous
Output Power Rating at
180 VAC (Full Power Mode)
Peak Output Power
(Full Power Mode)
PFS7533H
255 W
280 W
PFS7534H
315 W
350 W
PFS7535H
435 W
480 W
PFS7536H
550 W
610 W
PFS7537H
675 W
750 W
PFS7538H
810 W
900 W
PFS7539L/H
900 W
1000 W
Table 1. Output Power Table (See Table 2 on page 11 for Maximum Continuous
Output Power Ratings.)
This Product is Covered by Patents and/or Pending Patent Applications.
PI-7224-061615
AC
IN
DC
OUT
+
S
C
PGT
FB
VCC
PG
K
D
REF
G
V
CONTROL
HiperPFS-3
VCC
Figure 2. Package Options.
eSIP-16D (H Package)
eSIP-16G (L Package)


Similar Part No. - PFS7527H

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS7527H POWERINT-PFS7527H Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
PFS7527H POWERINT-PFS7527H Datasheet
4Mb / 37P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed
April 2025
More results

Similar Description - PFS7527H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS7323 POWERINT-PFS7323 Datasheet
4Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
logo
NXP Semiconductors
AN11054 PHILIPS-AN11054_15 Datasheet
752Kb / 27P
GreenChip III SSL4101 integrated PFC and flyback controller
Rev. 1-13 May 2011
logo
ON Semiconductor
NCP1600 ONSEMI-NCP1600 Datasheet
396Kb / 23P
High Voltage PFC Controller
July, 2006 ??Rev. 2
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704_V01 Datasheet
2Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
June 2015
PFS7323 POWERINT-PFS7323_V01 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7523 POWERINT-PFS7523 Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
logo
STMicroelectronics
L4985 STMICROELECTRONICS-L4985 Datasheet
1Mb / 27P
CCM PFC controller with high voltage startupv
28-Dec-2021
logo
NXP Semiconductors
AN11142 NXP-AN11142 Datasheet
970Kb / 56P
GreenChip TEA1755 integrated PFC and flyback controller
Rev. 2 - 13 September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com