Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM2729-110 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM2729-110
Description  S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM2729-110 Datasheet(HTML) 3 Page - STMicroelectronics

  AM2729-110 Datasheet HTML 1Page - STMicroelectronics AM2729-110 Datasheet HTML 2Page - STMicroelectronics AM2729-110 Datasheet HTML 3Page - STMicroelectronics AM2729-110 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
All dimensions are in inches.
Substrate material: .025 thick AI2O3
C1
: 1500 pF RF Feedthrough
C2
: 1
µF CK06 Capacitor
C3
: 1
µF Tantalum Capacitor
C4
: 100
µF Electrolytic Capacitor, 63V
C5
: 22 pF Chip Capacitor
RFC1 : No. 26 Wire, 2 Turn .08 I.D.
RFC2 : No. 26 Wire, 2 Turn .08 I.D.
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 23.5 W
VCC
= 40 V
Normalized to 50 ohms
H
L
H
L
ZCL
ZIN
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 2.7 GHz
8.0
− j 18.5
4.0
− j 9.0
M
= 2.8 GHz
15.0
− j 21.0
4.5
− j 9.5
H
= 2.9 GHz
17.3
− j 12.0
5.0
− j 8.0
AM2729-110
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com