Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSD87331Q3D Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD87331Q3D
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D Datasheet(HTML) 2 Page - Texas Instruments

  CSD87331Q3D Datasheet HTML 1Page - Texas Instruments CSD87331Q3D Datasheet HTML 2Page - Texas Instruments CSD87331Q3D Datasheet HTML 3Page - Texas Instruments CSD87331Q3D Datasheet HTML 4Page - Texas Instruments CSD87331Q3D Datasheet HTML 5Page - Texas Instruments CSD87331Q3D Datasheet HTML 6Page - Texas Instruments CSD87331Q3D Datasheet HTML 7Page - Texas Instruments CSD87331Q3D Datasheet HTML 8Page - Texas Instruments CSD87331Q3D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
CSD87331Q3D
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Specifications......................................................... 3
5.1
Absolute Maximum Ratings ...................................... 3
5.2
Recommended Operating Conditions ....................... 3
5.3
Power Block Performance ........................................ 3
5.4
Thermal Information .................................................. 3
5.5
Electrical Characteristics........................................... 4
5.6
Typical Power Block Device Characteristics............. 5
5.7
Typical Power Block MOSFET Characteristics......... 7
6
Application and Implementation ........................ 10
6.1
Application Information............................................ 10
6.2
Typical Application .................................................. 13
7
Layout ................................................................... 15
7.1
Layout Guidelines ................................................... 15
7.2
Layout Example ...................................................... 16
8
Device and Documentation Support.................. 17
8.1
Documentation Support .......................................... 17
8.2
Receiving Notification of Documentation Updates.. 17
8.3
Community Resources............................................ 17
8.4
Trademarks ............................................................. 17
8.5
Electrostatic Discharge Caution .............................. 17
8.6
Glossary .................................................................. 17
9
Mechanical, Packaging, and Orderable
Information ........................................................... 18
9.1
Q3D Package Dimensions ...................................... 18
9.2
Land Pattern Recommendation .............................. 19
9.3
Q3D Tape and Reel Information ............................. 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (January 2012) to Revision B
Page
•
Added note for IDM in the Absolute Maximum Ratings table .................................................................................................. 3
•
Added Application and Implementation section note ........................................................................................................... 10
•
Changed Recommended PCB Design Overview section to Layout section ........................................................................ 15
•
Added the Device and Documentation Support section....................................................................................................... 17
Changes from Original (September 2011) to Revision A
Page
•
Added Feature Bullet: Up to 15 A Operation. ........................................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com