Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM82731-003 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM82731-003
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM82731-003 Datasheet(HTML) 2 Page - STMicroelectronics

  AM82731-003 Datasheet HTML 1Page - STMicroelectronics AM82731-003 Datasheet HTML 2Page - STMicroelectronics AM82731-003 Datasheet HTML 3Page - STMicroelectronics AM82731-003 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Uni t
Mi n.
Typ.
Max.
POUT
f
= 2.7 — 3.1GHz
PIN
= 0.8W
VCC
= 30V
3.0
4.0
—
W
η
C
f
= 2.7 — 3.1GHz
PIN
= 0.8W
VCC
= 30V
27
37
—
%
GPB
f
= 2.7 — 3.1GHz
PIN
= 0.8W
VCC
= 30V
5.7
7.0
—
dB
Note:
Pulse W idth
= 100µS
Duty Cycle
= 10%
STATIC
Symbol
Test Condi tions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 2mA
IE
= 0mA
50
—
—
V
BVEBO
IE
= 1mA
IC
= 0mA
3.5
—
—
V
BVCER
IC
= 2mA
RBE
= 10Ω
50
—
—
V
ICES
VCE
= 30V
—
—
2.0
mA
hFE
VCE
= 5V
IC
= 200mA
10
—
—
—
DYNAMIC
TYPICAL PERFORMANCE
1.0
0.8
0.6
1.0
0.8
0.6
PEAK POWER
OUTPUT
(W)
COLLECTOR
EFFICIENCY
(%)
TYPICAL BROADBAND
PERFORMANCE
AM82731-003
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com