Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP242F Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP242F
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242F Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP242F Datasheet HTML 4Page - Power Integrations, Inc. TOP242F Datasheet HTML 5Page - Power Integrations, Inc. TOP242F Datasheet HTML 6Page - Power Integrations, Inc. TOP242F Datasheet HTML 7Page - Power Integrations, Inc. TOP242F Datasheet HTML 8Page - Power Integrations, Inc. TOP242F Datasheet HTML 9Page - Power Integrations, Inc. TOP242F Datasheet HTML 10Page - Power Integrations, Inc. TOP242F Datasheet HTML 11Page - Power Integrations, Inc. TOP242F Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
TOP242-250
M
12/04
8
required can be used to take advantage of the lower R
DS(ON) for
higher efficiency/smaller heat sinking requirements. With
a second resistor connected between the EXTERNAL
CURRENT LIMIT (X) pin (Y, R or F package) or MULTI-
FUNCTION (M) pin (P or G package) and the rectified DC
high voltage bus, the current limit is reduced with increasing
line voltage, allowing a true power limiting operation against
line variation to be implemented. When using an RCD clamp,
this power limiting technique reduces maximum clamp
voltage at high line. This allows for higher reflected voltage
designs as well as reducing clamp dissipation.
The leading edge blanking circuit inhibits the current limit
comparator for a short time after the output MOSFET is turned
on. The leading edge blanking time has been set so that, if a
power supply is designed properly, current spikes caused by
primary-side capacitances and secondary-side rectifier reverse
recovery time should not cause premature termination of the
switching pulse.
The current limit is lower for a short period after the leading
edge blanking time as shown in Figure 52. This is due to
dynamic characteristics of the MOSFET. To avoid triggering
thecurrentlimitinnormaloperation,thedraincurrentwaveform
should stay within the envelope shown.
Line Under-Voltage Detection (UV)
At power up, UV keeps TOPSwitch-GX off until the input line
voltage reaches the under-voltage threshold. At power down,
UV prevents auto-restart attempts after the output goes out
of regulation. This eliminates power down glitches caused
by slow discharge of the large input storage capacitor present
in applications such as standby supplies. A single resistor
connected from the LINE-SENSE pin (Y, R or F package) or
MULTI-FUNCTION pin (P or G package) to the rectified DC
high voltage bus sets UV threshold during power up. Once the
power supply is successfully turned on, the UV threshold is
lowered to 40% of the initial UV threshold to allow extended
input voltage operating range (UV low threshold). If the UV
low threshold is reached during operation without the power
supply losing regulation, the device will turn off and stay off
until UV (high threshold) has been reached again. If the power
supply loses regulation before reaching the UV low threshold,
the device will enter auto-restart. At the end of each auto-
restart cycle (S7), the UV comparator is enabled. If the UV
high threshold is not exceeded the MOSFET will be disabled
during the next cycle (see Figure 8). The UV feature can
be disabled independent of the OV feature as shown in
Figures 19 and 23.
Line Overvoltage Shutdown (OV)
The same resistor used for UValso sets an overvoltage threshold
which, once exceeded, will force TOPSwitch-GX output into
off-state. The ratio of OV and UV thresholds is preset at 4.5
as can be seen in Figure 11. When the MOSFET is off, the
rectified DC high voltage surge capability is increased to the
voltage rating of the MOSFET (700 V), due to the absence
of the reflected voltage and leakage spikes on the drain. A
small amount of hysteresis is provided on the OV threshold to
prevent noise triggering. The OV feature can be disabled
independent of the UV feature as shown in Figures 18 and 32.
Line Feed-Forward with DC
MAX Reduction
The same resistor used for UV and OV also implements line
voltage feed-forward, which minimizes output line ripple and
reduces power supply output sensitivity to line transients.
This feed-forward operation is illustrated in Figure 7 by the
different values of I
L(Y, R or F package) or IM (P or G package).
Note that for the same CONTROL pin current, higher line
voltage results in smaller operating duty cycle. As an added
PI-2637-060600
Oscillator
(SAW)
DMAX
Enable from
X, L or M Pin (STOP)
Time
Figure 10. Synchronization Timing Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com