Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS16 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # BAS16
Description  SMALL SIGNAL SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BAS16 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BAS16 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BAS16 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. BAS16 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS16
SMALL SIGNAL
SWITCHING DIODES
Features
(T A = 25
unless otherwise noted)
Parameter
S ymbol
Value
Unit
R everse Voltage
V R
75
V
Peak R everse Voltage
V R M
100
V
Forward C urrent (continuous)
IF
250
mA
Non-R epetitive Peak Forward C urrent
t = 1
μs
2.0
t = 1ms
IFS M
1.0
A
t = 1s
0.5
Power Dissipation at T amb = 25
P tot
350(1)
mW
Thermal R esistance Junction to Ambient Air
R thJA
430(1)
/W
J unction Temperature
T j
150
S torage Temperature R ange
T S
65 to +150
Note:
(1) Device on F iberglass S ubstrate, see layout on second page
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top V iew
.102 (2.6)
.110 (2.8)
.094 (2.4)
S ilicon E pitaxial P lanar Diode
· Fast switching diode in case S OT-23, especially
suited for automatic insertion.
S OT -23
Mechanical Data
C as e: S OT-23 P lastic Package
Weight: approx. 0.008g
MMMMarking C ode:
A6
Mounting P ad L ayout
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)
Top V iew
Marking C ode:
·
Maximum R atings and T hermal C haracteris tics
-


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com