Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM83135-010 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM83135-010
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM83135-010 Datasheet(HTML) 3 Page - STMicroelectronics

  AM83135-010 Datasheet HTML 1Page - STMicroelectronics AM83135-010 Datasheet HTML 2Page - STMicroelectronics AM83135-010 Datasheet HTML 3Page - STMicroelectronics AM83135-010 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
All dimensions are in mils.
Substrate material: .025” thick Al2O3
C1,C2 : 33 pF 50V Chip Capacitor
C3
: 1
µf 50V Electrolytic Capacitor
C4
: 1000 pF 200V Feedthru Capacitor
C5
: 0.1
µF 50V Disc Ceramic Capacitor
C6
: 100
µf 63V Electrolytic Capacitor
C7
: 33 pF 50V Chip Capacitor
L1,L2 : RF Choke, 2 Turns #26 Tinned Wire, .080” I.D.
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 3.2W
VCC
= 40V
Normalized to 50 ohms
ZCL
ZIN
H
L
H
L
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 3.1 GHz
12.1
− j 1.6
12.7 + 16.0
M
= 3.3 GHz
10.0 + j 1.9
14.3 + j 9.5
H
= 3.5 GHz
5.5 + j 1.7
6.8 + j 7.7
AM83135-010
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com