Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP224YN Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # TOP224YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP224YN Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button TOP224YN Datasheet HTML 12Page - Power Integrations, Inc. TOP224YN Datasheet HTML 13Page - Power Integrations, Inc. TOP224YN Datasheet HTML 14Page - Power Integrations, Inc. TOP224YN Datasheet HTML 15Page - Power Integrations, Inc. TOP224YN Datasheet HTML 16Page - Power Integrations, Inc. TOP224YN Datasheet HTML 17Page - Power Integrations, Inc. TOP224YN Datasheet HTML 18Page - Power Integrations, Inc. TOP224YN Datasheet HTML 19Page - Power Integrations, Inc. TOP224YN Datasheet HTML 20Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Rev. G 08/16
19
TOP221-227
www.power.com
Part Ordering Information
• TOPSwitch Product Family
• II Series Number
• Package Identifier
G
Plastic SMD-8
P
Plastic DIP-8
Y
Plastic TO-220/3
• Lead Finish
N
Lead Free
• Tape & Reel and Other Options
Blank
Standard Configurations
TL
Tape & Reel, 1000 pcs minimum, G Package only
TOP 222 G N TL
PI-2077-081716
1
A
J1
4
L
8
5
C
G08A
SMD-8 (G Package)
D S .004 (.10)
J2
-E-
-D-
B
-F-
M
J3
DIM
A
B
C
G
H
J1
J2
J3
J4
K
L
M
P
α
Inches
0.356-0.387
0.240-0.260
0.125-0.145
0.004-0.012
0.036-0.044
0.057-0.068
0.048-0.053
0.032-0.037
0.007-0.011
0.010-0.012
0.100 BSC
0.030 (MIN)
0.372-0.388
0-8
°
mm
9.05-9.83
6.10-6.60
3.18-3.68
0.10-0.30
0.91-1.12
1.45-1.73
1.22-1.35
0.81-0.94
0.18-0.28
0.25-0.30
2.54 BSC
0.76 (MIN)
9.45-9.86
0-8
°
Notes:
1. Package dimensions conform to JEDEC
specification MS-001-AB (issue B, 7/85)
except for lead shape and size.
2. Controlling dimensions are inches.
3. Dimensions shown do not include mold
flash or other protrusions. Mold flash or
protrusions shall not exceed .006 (.15) on
any side.
4. D, E and F are reference datums on the
molded body.
K
G
α
H
.004 (.10)
J4
P
.010 (.25) M A S
.420
.046 .060 .060 .046
.080
Pin 1
.086
.186
.286
Solder Pad Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com