Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BY550-50 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # BY550-50
Description  CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BY550-50 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BY550-50 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BY550-50 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY550-50 THRU BY550-1000
Features
Mechanical Data
· Low cost
· Diffused junction
· High current capability
· The plastic material carries U/L recognition 94V-0
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.042 ounce, 1.1 grams
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
CURRENT 5.0 Amperes
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
Maximum average forward rectified current
at TA=60℃
Maximum instantaneous forward voltage
at 5.0A
VRRM
50
Volts
Symbols
BY550
-50
Units
1.1
VF
5.0
Amps
300.0
IFSM
TJ
TSTG
-65 to +150
Maximum reverse current at rated DC
blocking voltage
Typical thermal resistance
Operating and storage temperature range
BY550
-100
BY550
-400
BY550
-600
20.0
30.0
100
400
600
μA
℃/W
I(AV)
IR
JA
Recurrent peak Forward Current
Amps
Amps
60.0
IFRM
BY550
-800
800
BY550
-200
200
BY550
-1000
1000
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


Similar Part No. - BY550-50

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BY550-50 JGD-BY550-50 Datasheet
138Kb / 2P
5.0 AMP.SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
BY550-50 EIC-BY550-50 Datasheet
16Kb / 2P
SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
BY550-50 DIOTEC-BY550-50 Datasheet
179Kb / 2P
Silicon Rectifiers
logo
Semikron International
BY550-50 SEMIKRON-BY550-50 Datasheet
141Kb / 2P
Standard silicon rectifier diodes
logo
Won-Top Electronics
BY550-50 WTE-BY550-50 Datasheet
47Kb / 4P
5.0A STANDARD DIODE
More results

Similar Description - BY550-50

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER501 DAESAN-HER501 Datasheet
287Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Rectron Semiconductor
HER501G RECTRON-HER501G Datasheet
140Kb / 6P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com